Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 15 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 15 Page - Texas Instruments

Back Button Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Std Datasheet HTML 14Page - Texas Instruments Std Datasheet HTML 15Page - Texas Instruments Std Datasheet HTML 16Page - Texas Instruments Std Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.ti.com
Schematic and Bill of Materials
4.2
Bill of Materials
Table 5 presents the bill of materials for the TPS54519EVM-037.
Table 5. TPS54519EVM-037 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
0
C1
Open
Capacitor
Multi sizes
Engineering Only
Std
1
C2
10
μF
Capacitor, Ceramic, 16V, X5R, 20%
1206
Std
Std
2
C3, C8
0.1
μF
Capacitor, Ceramic, 25V, X5R, 10%
0603
Std
Std
2
C4. C11
220pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
0
C5
Open
Capacitor, Ceramic,
0603
Std
Std
1
C6
1000pF
Capacitor, Ceramic, 50V, X7R, 10%
0603
Std
Std
1
C7
0.01
μF
Capacitor, Ceramic, 25V, X7R, 10%
0603
Std
Std
2
C9, C10
47
μF
Capacitor, Ceramic, 10V, X5R, 20%
1210
Std
Std
2
J1, J3
ED555/2DS
Terminal Block, 2-pin, 6-A, 3.5mm
0.27 x 0.25 inch
ED555/2DS
OST
1
J2
PEC02SAAN
Header, Male 2-pin, 100mil spacing
0.100 inch x 2
PEC02SAAN
Sullins
2
JP1, JP2
PEC02SAAN
Header, Male 2-pin, 100mil spacing
0.100 inch x 2
PEC02SAAN
Sullins
1
L1
1.2
μH
Inductor, SMD Shielded Power, 11.8 A, 7.4 m
Ω
5.3x5.5 mm
XAL5030-122ME
Coilcraft
1
R1
14.3k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R2
11.5k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R3
23.7k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
35.7k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
0
R5, R6
Open
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R7
100k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R8
51.1
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R9
20.0
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R10
10.0
Resistor, Chip, 1/16W, 1%
0603
Std
Std
7
TP1, TP3,
5000
Test Point, Red, Thru Hole Color Keyed
0.100 x 0.100 inch
5000
Keystone
TP4, TP5,
TP6, TP7,
TP8
2
TP2, TP9
5001
Test Point, Black, Thru Hole Color Keyed
0.100 x 0.100 inch
5001
Keystone
1
U1
TPS54519RTE
IC, DC-DC Converter, 2.95-6 V, 5A
QFN-16
TPS54519RTE
TI
2
–
Shunt, 100-mil, Black
0.100
929950-00
3M
1
–
Label
1.25 x 0.25 inch
THT-13-457-10
Brady
1
–
PCB, 2.5 x 2.5 x 0.062 inch
HPA375
Any
Notes 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk (
'**') cannot be substituted. All other components can be substituted with equivalent MFG's components.
5. Install label in silkscreened box after final wash. Text shall be 8 pt font. Text shall be per Table 6
Table 6. Label Marking
Text
TPS54519EVM-037
15
SLVU523
– September 2011
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com