Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1622DW Datasheet(PDF) 47 Page - Texas Instruments

Part # XTNETA1622DW
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Datasheet(HTML) 47 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 43Page - Texas Instruments XTNETA1622DW Datasheet HTML 44Page - Texas Instruments XTNETA1622DW Datasheet HTML 45Page - Texas Instruments XTNETA1622DW Datasheet HTML 46Page - Texas Instruments XTNETA1622DW Datasheet HTML 47Page - Texas Instruments XTNETA1622DW Datasheet HTML 48Page - Texas Instruments XTNETA1622DW Datasheet HTML 49Page - Texas Instruments XTNETA1622DW Datasheet HTML 50Page - Texas Instruments XTNETA1622DW Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
47
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
cell interface (continued)
When PHY/ATM is high (PHY mode), the cell-interface port configuration is defined as a PHY-RX port for the
segmentation unit and the cell-interface port configuration is a PHY-TX port for the reassembly unit. The clock
speed supported by the interface is up to 33 MHz nominal. The ATMCLK is connected in this mode and is
configured as an output that is always low.
When PHY/ATM is low (ATM mode), the cell-interface port configuration is defined as an ATM-TX port for the
segmentation unit and the cell-interface port configuration is an ATM-RX port for the reassembly unit. The
ATMCLK is used as the clock source to provide for data transfers/synchronization. The ATMCLK has is
connected to the SEGCLK and RESCLK in the ATM mode.
The interface is designed to work synchronously for an 8-bit data path. The interface uses either an octet-level
handshake or a cell-level handshake. The clock generated by the interface is 33 MHz nominal, using the PCI
clock.
segmentation-unit interface, PHY mode
The segmentation-unit interface on the TNETA1570 outputs RXDATA on the UTOPIA interface in PHY mode.
This cell interface works on the low-to-high transition of SEGCLK to sample and generate signals. All signals
are active high, unless denoted via a bar over the signal name.
SEGCLK
Clock (RXCLK) input. Data transfer/synchronization clock for synchronizing transfers on SEGDATA. When
operating in PHY mode, the SEGCLK is sourced from the UTOPIA interface.
SEGDATA (bits 7 −0)
Data (RXDATA) output. Byte-wide true data sourced by the TNETA1570. SEGDATA7 is the MSB.
SEGPAR
Parity (RXPRTY) output. SPAR is the odd-parity bit over SEGDATA.
SEGSOC
Start of cell (RXSOC) output. Active-high signal sourced by the TNETA1570 when SEGDATA contains the first
valid byte of the cell.
SEGEN
Enable (RXENB) input. This active-low signal is received by the TNETA1570 when a valid byte SEGDATA is
sent during the next clock cycle.
SEGCLAV
Empty/cell available (RXEMPTY/RXCLAV) output. An indication that a complete cell is available.
reassembly-unit interface, PHY mode
The reassembly unit interface on the TNETA1570 inputs TXDATA from the UTOPIA interface in PHY mode. This
receive cell interface works on the low-to-high transition of RESCLK to sample and generate signals. All signals
are active high unless denoted via a bar over the signal name.
RESCLK
Clock (TXCLK) input. Data transfer/synchronization clock for synchronizing transfers on RESDATA. When
operating in PHY mode, the RESCLK is sourced from the UTOPIA interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com