| Electronic Components Datasheet Search |
|
XTNETA1622DW Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XTNETA1622DW Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 68 page ![]() TNETA1570 ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64BIT PCIHOST INTERFACE SDNS033B − JUNE 1995 − REVISED MAY 1996 56 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PRINCIPLES OF OPERATION 64-bit PCI cell-payload reads The top-down order of the following chart represents the time order of 64-bit word reads by the TNETA1570. PCI ADDRESS PCI ADDRESS BITS 63 56 55 48 47 40 39 32 31 24 23 16 15 8 7 0 0 ×10 7 6 6 4 3 2 1 0 0 ×18 15 14 14 12 11 10 9 8 0 ×20 23 22 22 20 19 18 17 16 The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 2, 3, 4, 5, 6, 7, 8, 9 . . . big-endian configuration There are two scenarios for TNETA1570 cell-payload PCI reads from the host memory when the TNETA1570 is configured as a big-endian device. These are 32-bit PCI cell-payload reads and 64-bit PCI cell-payload reads. 32-bit PCI cell-payload reads The top-down order of the following chart represents the time order of 32-bit word reads by the TNETA1570. PCI ADDRESS PCI ADDRESS BITS 31 24 23 16 15 8 7 0 0 ×10 0 1 2 3 0 ×14 4 5 6 7 0 ×18 8 9 10 11 The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 1, 2, 3, 4, 5, . . . 64-bit PCI cell-payload reads The following table shows the PCI bus byte/address ordering when cell-payload bytes are input to the reassembly UTOPIA port in order 0, 1, 2, 3, 4, 5, 6, 7, 8, 9 . . . The top-down order of the following chart represents the time order of 64-bit word reads by the TNETA1570. PCI ADDRESS PCI ADDRESS BITS 63 56 55 48 47 40 39 32 31 24 23 16 15 8 7 0 0 ×10 4 5 6 7 0 1 2 3 0 ×18 12 13 14 15 8 9 10 11 0 ×20 20 21 22 23 16 17 18 19 The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 1, 2, 3, 4, 5, 6, 7, 8, 9 . . . |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |