Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1622DW Datasheet(PDF) 55 Page - Texas Instruments

Part # XTNETA1622DW
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Datasheet(HTML) 55 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 51Page - Texas Instruments XTNETA1622DW Datasheet HTML 52Page - Texas Instruments XTNETA1622DW Datasheet HTML 53Page - Texas Instruments XTNETA1622DW Datasheet HTML 54Page - Texas Instruments XTNETA1622DW Datasheet HTML 55Page - Texas Instruments XTNETA1622DW Datasheet HTML 56Page - Texas Instruments XTNETA1622DW Datasheet HTML 57Page - Texas Instruments XTNETA1622DW Datasheet HTML 58Page - Texas Instruments XTNETA1622DW Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
parity error (PERR) protocol (continued)
The TNETA1570 asserts PERR if the parity-error-response bit (bit 6) in the PCI-configuration-space command
register is set and the data-parity-detected bit is set. The assertion of PERR remains valid until the second clock
after the cycle in which the error occurred. If a parity error is detected during a transfer involving the TNETA1570,
the transaction is allowed to complete unless the TNETA1570 is the master and a target disconnect is detected
(i.e. the TNETA1570 will not master abort due to a parity error).
system error (SERR) protocol
The TNETA1570 sets an internal SERR flag under any of the following conditions:
D If an address-parity error is detected on the PCI bus (even if the TDC1570 isnot the target of the transaction)
and the parity-error-response bit is set in the PCI-configuration-space command register.
D If the TNETA1570 detects PERR asserted while mastering the bus
D If the PCI-master-retry counter expires
D If the TNETA1570 receives a target abort (disconnect without retry) while mastering the bus
D If the TNETA1570 self selects
The TNETA1570 asserts SERR if the SERR enable bit (bit 8) in the PCI-configuration-space command register
is set and the internal system-error flag is set. The TNETA1570 halts and waits for software or hardware reset
after SERR is asserted.
The TNETA1570 sets the signaled-system error bit (bit 14) in the PCI-configuration-space status register when
SERR is asserted.
host-interrupt (INTA) protocol
The TDC1570 generates an interrupt to the host by asserting INTA if any of the bits in the internal status register
are set and the corresponding status-mask-register bit is also set.
PCI-to-UTOPIA data flow for segmentation unit
little-endian configuration
There are two scenarios for TNETA1570 cell-payload PCI reads from the host memory when the TNETA1570
is configured as a little-endian device. These are 32-bit PCI cell-payload reads and 64-bit PCI cell-payload
reads.
32-bit PCI cell-payload reads
The top-down order of the following chart represents the time order of 32-bit word reads by the TNETA1570.
PCI ADDRESS
PCI ADDRESS BITS
31
24
23
16
15
8
7
0
0
×10
3
2
1
0
0
×14
7
6
5
4
0
×18
11
10
9
8
The cell data above is transmitted from the segmentation unit’s UTOPIA bus in the byte order 0, 1, 2, 3, 4, 5, . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com