Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1622DW Datasheet(PDF) 63 Page - Texas Instruments

Part # XTNETA1622DW
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Datasheet(HTML) 63 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 59Page - Texas Instruments XTNETA1622DW Datasheet HTML 60Page - Texas Instruments XTNETA1622DW Datasheet HTML 61Page - Texas Instruments XTNETA1622DW Datasheet HTML 62Page - Texas Instruments XTNETA1622DW Datasheet HTML 63Page - Texas Instruments XTNETA1622DW Datasheet HTML 64Page - Texas Instruments XTNETA1622DW Datasheet HTML 65Page - Texas Instruments XTNETA1622DW Datasheet HTML 66Page - Texas Instruments XTNETA1622DW Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
63
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
RX unknown register (continued)
This register holds the value first written into it until it has been read by the host. This is a 32-bit register, read
only, and is cleared when a hardware or software reset occurs. The register is also cleared when it is read by
the host. This register also contains a control bit that is set when a value is written into the register by the
TNETA1570 and cleared when the register is read by the host. When a value is written to this register, a bit in
the status register is set and an interrupt may or may not be generated, depending upon the state of the
interrupt-mask bit in the interrupt-mask register.
TX completion ring without interrupt (WOI)-size register
Reserved (bits 15 − 13)
TX Completion Ring WOI Size (bits 12 − 0)
This register contains the size of the TX completion ring without interrupt. The maximum size of this ring is 8192
entries. The size is restricted to a power of 2, I.e., 2, 4, 8, 1 6, 32, 64, 1 28, etc. This field is coded (ring size −1)
to account for entry 0; therefore, for a ring with 16 entries, the value of 00 0000 1111 is entered in this field. This
is a 16-bit register, read/write, and is cleared when a hardware or software reset occurs.
The value in the register is compared to an internal pointer counter that is incremented when a completion-ring
entry is processed. When the value of the pointer counter equals the value in the register, the pointer value is
reset and the next pointer value is zero.
TX completion ring with interrupt (WI)-size register
Reserved (bits 15 − 13)
TX Completion Ring WI Size (bits 12 − 0)
This register contains the size of the TX completion ring with interrupt. The maximum size of this ring is 8192
entries. The size is restricted to a power of 2, i.e., 2, 4, 8, 16, 32, 64, 128, etc. This field is coded (ring size −1)
to account for entry 0; therefore, for a ring with 16 entries, the value of 00 0000 1111 is entered in this field. This
is a 16-bit register, read/write, and is cleared when a hardware or software reset occurs.
The value in the registers is compared to an internal pointer counter that is incremented when a completion-ring
entry is processed. When the value of the pointer counter equals the value in the register, the pointer value is
reset and the next pointer value is zero.
RX completion ring without interrupt (WOI)-size register
Reserved (bits 15 − 10)
RX Completion Ring WOI Size (bits 9 − 0)
This register contains the size of the RX completion ring without interrupt. The maximum size of this ring is 1024
entries. The size is restricted to be a power of 2, i.e., 2, 4, 8, 16, 32, 64, 128, etc. This field is coded (ring size −1)
to account for entry 0; therefore, for a ring with 16 entries, the value of 00 0000 1111 is entered in this field. This
is a 16-bit register, read/write, and is cleared when a hardware or software reset occurs.
The value in the registers is compared to an internal pointer counter that gets incremented when a
completion-ring entry is processed. When the value of the pointer counter equals the value in the register, the
pointer value is reset and the next pointer value is zero.
RX completion ring with interrupt (WI)-size register
Reserved (bits 15 − 10)
RX Completion Ring WI Size (bits 9 − 0)
This register contains the size of the RX completion ring with interrupt. The maximum size of this ring is 1024
entries. The size is restricted to a power of 2, i.e., 2, 4, 8, 16, 32, 64, etc. This field is coded (ring size −1) to
account for entry 0; therefore, for a ring with 16 entries, the value of 00 0000 1111 is entered in this field. This
is a 16-bit register, read/write, and is cleared when a hardware or software reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com