Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTNETA1622DW Datasheet(PDF) 62 Page - Texas Instruments

Part # XTNETA1622DW
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTNETA1622DW Datasheet(HTML) 62 Page - Texas Instruments

Back Button XTNETA1622DW Datasheet HTML 58Page - Texas Instruments XTNETA1622DW Datasheet HTML 59Page - Texas Instruments XTNETA1622DW Datasheet HTML 60Page - Texas Instruments XTNETA1622DW Datasheet HTML 61Page - Texas Instruments XTNETA1622DW Datasheet HTML 62Page - Texas Instruments XTNETA1622DW Datasheet HTML 63Page - Texas Instruments XTNETA1622DW Datasheet HTML 64Page - Texas Instruments XTNETA1622DW Datasheet HTML 65Page - Texas Instruments XTNETA1622DW Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
62
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
interrupt-mask register
PCI Mask Bits (bits 31 − 16)
Reserved (bits 15 − 10)
Mask Bits (bits 9 − 0)
This register is used to mask interrupts caused by the conditions given in the status register. This register has
a bit-to-bit correspondence with the status register. This register is read/write and is accessed as a 32-bit word,
although not all 32 bits may be used. This register is cleared upon a hardware or software reset. When a bit in
the interrupt-mask register is set, an interrupt is generated if the corresponding bit in the status register is also
set.
reassembly-global-timer register
Reassembly-Global Timer (bits 15 − 0)
This register contains the value that is loaded into the reassembly-aging timer. When the reassembly-aging
counter expires, a reassembly time-out count in one of the RX DMA state table entries is incremented, if that
channel is currently receiving a packet. The entries in the RX DMA state table are serviced on a round-robin
basis. This register is a 16-bit register and is read/write. This register is cleared upon a hardware or software
reset.
RAT-cycle-count register
Reserved (bit 15 )
RAT_Cycle-Count_Register (bits 14 − 0)
This register is used in the reassembly-aging process. The value must be equal to or greater than the aging
opportunities in one trip through the VPI/VCI DMA pointer table. The minimum value entered in this field is
4096 + [the sum of all (valid VCI range) in the RX VPI/VCI DMA pointer table].
Example( decimal values):
Entry 0 has the valid VCI range = 255.
Entry 8 has the valid VCI range = 0.
Entry 1234 has the valid VCI range = 1234.
Entry 4095 has the valid VCI range = 5432.
All other entries are disabled.
The minimum value is 4096 + 255 + 0 + 1234 + 5432 = 11017. The maximum value is limited by the number
of bits available (15) for this field. This is a 16-bit register with read/write capability and is cleared upon a
hardware or software reset.
RX unknown register
Reserved (bits 31 − 29)
Control (bit 28)
VPI (bits 27−16)
VCI (bits 15 − 10)
This register contains the ATM header, including the VPI/VCI value of a received cell under the following
conditions:
D The cell VPI address entry in the RX VPI/VCI DMA pointer table is not enabled.
D The cell VCI address does not fall within the range of active values in the RX VPI/VCI DMA pointer table.
D The cell’s on bit and filter bit in the RX DMA state table is not set.
D The cell is an idle cell, i.e., a cell with the ATM header set to a binary value of xxxx 0000 0000 0000 0000
0000 0000 xxx1 (also known as an invalid cell).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com