Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD024 Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST58LD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD024 Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST58LD024 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
19
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2 ATA-Disk Chip Command Description
This section defines the software requirements and the format of the commands the host sends to the ADC. Commands
are issued to the ADC by loading the required registers in the command block with the supplied parameters, and then
writing the command code to the Command Register. The manner in which a command is accepted varies. There are
three classes (see Table 3-2) of command acceptance, all dependent on the host not issuing commands unless the
ADC is not busy (BSY=0).
3.2.1 ATA-Disk Chip Command Set
Table 3-2 summarizes the ADC command set with the paragraphs that follow describing the individual commands
and the task file for each.
TABLE
3-2: ATA-DISK CHIP COMMAND SET
Class
Command
Code
FR1
1. FR - Features Register
SC2
2. SC - Sector Count Register
SN3
3. SN - Sector Number Register
CY4
4. CY - Cylinder Registers
DH5
5. DH - Drive/Head Register
LBA6
6. LBA - Logical Block Address Mode Supported (see command descriptions for use)
1
Check Power Mode
E5H or 98H
-
-
-
-
D8
-
1
Execute Drive Diagnostic
90H
-
-
-
-
D
-
2
Format Track
50H
-
Y7
7. Y - The register contains a valid parameter for this command.
-Y
Y8
8. For the Drive/Head Register:
Y means both the ADC and Head parameters are used;
D means only the ADC parameter is valid and not the Head parameter.
Y
1
Identify Drive
ECH
-
-
-
-
D
-
1
Idle
E3H or 97H
-
Y
-
-
D
-
1
Idle Immediate
E1H or 95H
-
-
-
-
D
-
1
Initialize Drive Parameters
91H
-
Y
-
-
Y
-
1
Read Buffer
E4H
-
-
-
-
D
-
1
Read Long Sector
22H or 23H
-
-
Y
Y
Y
Y
1
Read Multiple
C4H
-
YYYY
Y
1
Read Sector(s)
20H or 21H
-
YYYY
Y
1
Read Verify Sector(s)
40H or 41H
-
YYYY
Y
1
Recalibrate
1XH
-
-
-
-
D
-
1
Seek
7XH
-
-
YYY
Y
1
Set Features
EFH
Y
-
-
-
D
-
1
Set Multiple Mode
C6H
-
Y
-
-
D
-
1
Set Sleep Mode
E6H or 99H
-
-
-
-
D
-
1
Stand By
E2H or 96H
-
-
-
-
D
-
1
Stand By Immediate
E0H or 94H
-
-
-
-
D
-
2
Write Buffer
E8H
-
-
-
-
D
-
2
Write Long Sector
32H or 33H
-
-
Y
Y
Y
Y
3
Write Multiple
C5H
-
YYYY
Y
2
Write Sector(s)
30H or 31H
-
YYYY
Y
3
Write Verify
3CH
-
YYYY
Y
T3-2.1 391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com