Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD024 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST58LD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD024 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST58LD024 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
1.2 SST’s ATA-Disk Chip Product Offering
The SST58SD/LDxxx ATA-Disk Chip product family is available in 8 to 192 MByte capacities. The following table
shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line.
2.0 ELECTRICAL INTERFACE
2.0.1 Pin Assignment and Pin Type
The signal/pin assignments are listed in Table 2-1. Low active signals have a “#” suffix. Pin types are Input, Output or Input/
Output. Section 2.3 defines the DC characteristics for all input and output type structures.
2.1 Electrical Description
The ADC functions in ATA Mode, which is compatible with IDE hard disk drives.
Table 2-2 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that the ADC
sources are outputs. All outputs from the ADC are totem pole except the data bus signals which are in the bi-directional tri-
state. Refer to Section 2.3.2 for definitions of Input and Output types.
FIGURE
2-1: PIN ASSIGNMENTS FOR 32-PIN PSDIP
Model Number
Density
Total Bytes
Cylinders
Heads
Sectors
SST58SD/LD008
8 MB
8,028,160
245
2
32
SST58SD/LD016
16 MB
16,023,552
489
2
32
SST58SD/LD024
24 MB
24,051,712
367
4
32
SST58SD/LD032
32 MB
32,047,104
489
4
32
SST58SD/LD048
48 MB
48,037,888
733
4
32
SST58SD/LD064
64 MB
64,028,672
977
4
32
SST58SD/LD096
96 MB
96,075,776
733
8
32
SST58SD/LD128
128 MB
128,057,344
977
8
32
SST58SD/LD192
192 MB
192,151,552
733
16
32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PSDIP
Top View
RESET#
D7
D6
D5
D4
D3
D2
D1
D0
WP#
IORD#
INTRQ
A1
A0
CS1FX#
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
D8
D9
D10
D11
D12
D13
D14
D15
IOWR#
CSEL
IOCS16#
PDIAG#
A2
CS3FX#
DASP#
391 ILL F01.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com