Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD024 Datasheet(PDF) 31 Page - Silicon Storage Technology, Inc

Part # SST58LD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD024 Datasheet(HTML) 31 Page - Silicon Storage Technology, Inc

Back Button SST58LD024 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 35Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
31
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.18 Standby - 96H or E2H
This command causes the ADC to set BSY, enter the Sleep mode (which corresponds to the ATA
“Standby” Mode), clear BSY and return the interrupt immediately. Recovery from sleep mode is
accomplished by simply issuing another command (a reset is not required).
3.2.1.19 Standby Immediate - 94H or E0H
This command causes the ADC to set BSY, enter the Sleep mode (which corresponds to the ATA
“Standby” Mode), clear BSY and return the interrupt immediately. Recovery from sleep mode is
accomplished by simply issuing another command (a reset is not required).
3.2.1.20 Write Buffer - E8H
The Write Buffer command enables the host to overwrite contents of the ADC’s sector buffer with any
data pattern desired. This command has the same protocol as the Write Sector(s) command and
transfers 512 Bytes.
Bit ->
76
54
32
10
Command (7)
96H or E2H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
94H or E0H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
E8H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com