Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD024 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST58LD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD024 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST58LD024 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
TABLE
3-4: IDENTIFY DRIVE INFORMATION
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
0
044AH
2
General configuration bit-significant information
1
XXXXH
2
Default number of cylinders
2
0000H
2
Reserved
3
00XXH
2
Default number of heads
4
0000H
2
Reserved
5
0000H
2
Reserved
6
XXXXH
2
Default number of sectors per track
7-8
XXXXH
4
Number of sectors per card (Word 7 = MSW, Word 8 = LSW)
9
XXXXH
2
Vendor Unique
10-19
aaaa1
20
Serial number in ASCII. Big Endian Byte Order in Word
20
0002H
2
Buffer type
21
XXXXH
2
Buffer size in 512 Byte increments
22
0004H
2
# of ECC bytes passed on Read/Write Long Commands
23-26
aaaa1
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa1
40
Model number in ASCII. Big Endian Byte Order in Word
47
000XH
2
Maximum number of sectors on Read/Write Multiple command
48
0000H
2
Reserved
49
0200H
2
Capabilities
50
0000H
2
Reserved
51
0X00H
2
PIO data transfer cycle timing mode
52
0000H
2
Reserved
53
000XH
2
Translation parameters are valid
54
XXXXH
2
Current numbers of cylinders
55
XXXXH
2
Current numbers of heads
56
XXXXH
2
Current sectors per track
57-58
XXXXH
4
Current capacity in sectors (LBAs)(Word 57 = LSW, Word 58 = MSW)
59
010XH
2
Multiple sector setting
60-61
XXXXH
4
Total number of sectors addressable in LBA Mode
62-63
0000H
4
Reserved (DMA data transfer is not supported in ADC)
64
00XXH
2
Advanced PIO Transfer Mode Supported
65-66
0000H
4
Reserved
67
XXXXH
2
Minimum PIO transfer cycle time without flow control
68
XXXXH
2
Minimum PIO transfer cycle time with IORDY flow control
69-127
0000H
138
Reserved
128-159
0000H
64
Vendor unique bytes
160-255
0000H
192
Reserved
T3-4.3 391
1. aaaa - any SST specific number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com