Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LD024 Datasheet(PDF) 37 Page - Silicon Storage Technology, Inc

Part # SST58LD024
Description  ATA-Disk Chip
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD024 Datasheet(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST58LD024 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST58LD024 Datasheet HTML 40Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
37
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
6.0 PRODUCT ORDERING INFORMATION
SST
58
SD
192
-
70
-
C
- P1H
XX
X
XXX
-XXX
-X
-XXX
Package Modifier
H = 32 pins
Package Version
Package Type
P = PSDIP
Operation Temperature
C = Commercial: 0°C to +70°C
Data Transfer Speed
70 = 70 ns, supports up to PIO Mode 4
Device Density
192 = 192 MByte
128 = 128 MByte
096 = 96 MByte
064 = 64 MByte
048 = 48 MByte
032 = 32 MByte
024 = 24 MByte
016 = 16 MByte
008 =
8 MByte
Voltage
S = 5.0V
L = 3.3V
Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com