Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 17Page - Texas Instruments TUSB8040A Datasheet HTML 18Page - Texas Instruments TUSB8040A Datasheet HTML 19Page - Texas Instruments TUSB8040A Datasheet HTML 20Page - Texas Instruments TUSB8040A Datasheet HTML 21Page - Texas Instruments TUSB8040A Datasheet HTML 22Page - Texas Instruments TUSB8040A Datasheet HTML 23Page - Texas Instruments TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
3
FUNCTIONAL DESCRIPTION
3.1
TUSB8040A Register Map
Table 3-1. TUSB8040A Register Map
BYTE
ADDRESS
CONTENTS
00h
ROM Signature (55h)
01h
Vendor ID LSB
02h
Vendor ID MSB
03h
Product ID LSB
04h
Product ID MSB
05h
Device Configuration Register
06h
Battery Charging Support Register
07h
Device Removable Configuration Register
08h
Port Used Configuration Register
09h-0Fh
Reserved
10h-1Fh
Reserved
20h-21h
LangID Byte [1:0]
22h
Serial Number String Length
23h
Manufacturer String Length
24h
Product String Length
25h-2Fh
Reserved
30h-4Fh
Serial Number String Byte [31:0]
50h-8Fh
Manufacturer String Byte [63:0]
90h-CFh
Product String Byte [63:0]
D0-F7h
Reserved
F8h
Device Status and Command Register
F9-FFh
Reserved
3.2
I2C EEPROM Operation
The TUSB80x0A supports a single-master, standard mode (100 kbit/s) connection to a dedicated I2C
EEPROM when the I2C interface mode is enabled. In I2C mode, the TUSB80x0A reads the contents of the
EEPROM at bus address 1010000b using 7-bit addressing starting at address 0. If the value of the
EEPROM contents at byte 00h equals 55h, the TUSB80x0A loads the configuration registers according to
the EEPROM map. If the first byte is not 55h, the TUSB80x0A exits the I2C mode and continues execution
with the default values in the configuration registers. The hub will not connect on the upstream port until
the configuration is completed.
Note, the bytes located below offset 9h are optional. The requirement for data in those addresses is
dependent on the options configured in the Device Configuration and Phy Custom Configuration registers.
For details on I2C operation refer to the UM10204 I2C-bus Specification and User Manual.
Copyright © 2012, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
21
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com