Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 9Page - Texas Instruments TUSB8040A Datasheet HTML 10Page - Texas Instruments TUSB8040A Datasheet HTML 11Page - Texas Instruments TUSB8040A Datasheet HTML 12Page - Texas Instruments TUSB8040A Datasheet HTML 13Page - Texas Instruments TUSB8040A Datasheet HTML 14Page - Texas Instruments TUSB8040A Datasheet HTML 15Page - Texas Instruments TUSB8040A Datasheet HTML 16Page - Texas Instruments TUSB8040A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
2.1
Signal Descriptions
Table 2-1. Signal Descriptions
TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input/output
PD, PU
Internal pull-down/pull-up
PT
Passive pass through
P
Power Supply
G
Ground
2.2
Clock and Reset Signals
Table 2-2. Clock and Reset Signals
TUSB8040A
TUSB8020A
SIGNAL
TYPE
PIN NO.
PIN NO.
DESCRIPTION
NAME
PFP
RKM
PFP
RKM
Global power reset. This reset brings all of the TUSB80x0A internal registers to
their default states. When GRSTz is asserted, the device is completely
GRSTz
I, PU
33
A18
33
A18
nonfunctional. GRSTz should be asserted a minimum of 3 ms after all power rails
are valid at the device.
Crystal input. This terminal is the crystal input for the internal oscillator. The input
XI
I
76
A49
76
A49
may alternately be driven by the output of an external oscillator. When using a
crystal a 1-M
Ω feedback resistor is required between XI and XO.
Crystal output. This terminal is crystal output for the internal oscillator. If XI is driven
XO
O
74
A48
74
A48
by an external oscillator this pin may be left unconnected. When using a crystal a 1-
M
Ω feedback resistor is required between XI and XO.
Oscillator return. If using a crystal, the load capacitors should use this signal as the
VSSOSC
I
75
B45
75
B45
return path and it should not be connected to the PCB ground. If using an oscillator,
this terminal should be connected to PCB Ground.
2.3
USB Upstream Signals
Table 2-3. USB Upstream Signals
TUSB8040A
TUSB8020A
SIGNAL NAME
TYPE
PIN NO.
PIN NO.
DESCRIPTION
PFP
RKM
PFP
RKM
USB_SSTXP_UP
O
62
B39
62
B39
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
O
63
A42
63
A42
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
I
66
A44
66
A44
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
I
65
B40
65
B40
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
I/O
70
A46
70
A46
USB high-speed differential transceiver (positive)
USB_DM_UP
I/O
69
B42
69
B42
USB high-speed differential transceiver (negative)
Precision resistor reference. A 9.09-k
Ω ±1% resistor should be connected
USB_R1
PT
78
A50
78
A50
between USB_R1 and USB_R1RTN.
USB_R1RTN
PT
79
B47
79
B47
Precision resistor reference return
USB upstream port power monitor. The VBUS detection requires a voltage
divider. The signal USB_VBUS must be connected to VBUS through a
USB_VBUS
I
73
B44
73
B44
90.9-k
Ω ±1% resistor, and to ground through a 10-kΩ ±1% resistor from
the signal to ground.
Copyright © 2012, Texas Instruments Incorporated
PIN DESCRIPTIONS
13
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com