Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040A Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 28Page - Texas Instruments TUSB8040A Datasheet HTML 29Page - Texas Instruments TUSB8040A Datasheet HTML 30Page - Texas Instruments TUSB8040A Datasheet HTML 31Page - Texas Instruments TUSB8040A Datasheet HTML 32Page - Texas Instruments TUSB8040A Datasheet HTML 33Page - Texas Instruments TUSB8040A Datasheet HTML 34Page - Texas Instruments TUSB8040A Datasheet HTML 35Page - Texas Instruments TUSB8040A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
6
ELECTRICAL SPECIFICATIONS
6.1
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD33
-0.3 to 3.8
Supply voltage
V
VDD11
-0.3 to 1.4
Tstg
Storage temperature range
-65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Expose to absolute-maximum-rated conditions for extended periods may affect device reliability
6.2
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD33
3
3.3
3.6
Supply voltage
V
VDD11
1.045
1.100
1.26
TA
Operating free-air temperature range
-40
25
85
°C
TJ
Operating junction temperature range
-40
25
105
°C
6.3
THERMAL INFORMATION
TUSB8040A
TUSB8040A
THERMAL METRIC
PFP
RKM
UNITS
80 PINS
100 PINS
θJA
Junction-to-ambient thermal resistance(1)
24.8
25.6
θJCtop
Junction-to-case (top) thermal resistance(2)
21.5
9.5
θJB
Junction-to-board thermal resistance(3)
8.37
15.2
°C/W
ψJT
Junction-to-top characterization parameter(4)
0.5
0.1
ψJB
Junction-to-board characterization parameter(5)
8.2
7.5
θJCbot
Junction-to-case (bottom) thermal resistance(6)
1.6
0.4
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
32
ELECTRICAL SPECIFICATIONS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com