Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 3Page - Texas Instruments TUSB8040A Datasheet HTML 4Page - Texas Instruments TUSB8040A Datasheet HTML 5Page - Texas Instruments TUSB8040A Datasheet HTML 6Page - Texas Instruments TUSB8040A Datasheet HTML 7Page - Texas Instruments TUSB8040A Datasheet HTML 8Page - Texas Instruments TUSB8040A Datasheet HTML 9Page - Texas Instruments TUSB8040A Datasheet HTML 10Page - Texas Instruments TUSB8040A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
VBUS
Detect
SuperSpeed Hub
USB 2.0 Hub
Oscilator
XI
VSSOSC
XO
Clock
and
Reset
Distribution
Control
Registers
GPIO
Block
Boundary
Scan
Power
Distribution
JTAG_TRSTn
JTAG_TDI
JTAG_TDO
JTAG_TMS
JTAG_TCK
VDD33
VDD18
VSS
GRSTn
VSSA
I2C/
SMBUS
SCL/SMBCLK
SDA/SMDAT
SMBUSz
PWRON0z_BATEN0
OVERCUR0z
LEDA0z_RMBL
LEDG0z_USED
PWRON1z_BATEN1
OVERCUR1z
LEDA1z_RMBL
LEDG1z_USED
PWRON2z_BATEN2
OVERCUR2z
LEDA2z_RMBL
LEDG2z_USED
PWRON3z_BATEN3
OVERCUR3z
LEDA3z_RMBL
LEDG3z_USED
SS
HS
HS_SUSPEND
SS_SUSPEND
GANGEDz_SMBA2
PORTINDz_SMBA3
FULLPWRMGMTz_SMBA1
VDD11
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
1.4
Functional Description
The TUSB80x0ARKM supports per port or ganged power switching and over-current protection. The
TUSB80x0APFP provides only ganged mode support.
An individually port power controlled hub switches power on or off to each downstream port as requested
by the USB host. Also when an individually port power controlled hub senses an over-current event, only
power to the affected downstream port will be switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port.
The power to the downstream ports is not switched off unless all ports are in a state that allows power to
be removed. Also when a ganged hub senses an over-current event, power to all downstream ports will be
switched off.
The TUSB8040A also provides customization using an I2C EEPROM or configuration via an SMBus host
for vendor specific PID, VID, and strings. For the TUSB80x0ARKM ports can also be marked as disabled
or permanently attached using pin selection, I2C EEPROM or an SMBus host. The Device Status and
Command Register at F8h cannot be modified by the contents of the I2C EEPROM.
Figure 1-2. TUSB8040ARKM Functional Block Diagram
Copyright © 2012, Texas Instruments Incorporated
PRODUCT OVERVIEW
7
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com