Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 10Page - Texas Instruments TUSB8040A Datasheet HTML 11Page - Texas Instruments TUSB8040A Datasheet HTML 12Page - Texas Instruments TUSB8040A Datasheet HTML 13Page - Texas Instruments TUSB8040A Datasheet HTML 14Page - Texas Instruments TUSB8040A Datasheet HTML 15Page - Texas Instruments TUSB8040A Datasheet HTML 16Page - Texas Instruments TUSB8040A Datasheet HTML 17Page - Texas Instruments TUSB8040A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
2.4
USB Downstream Signals
Table 2-4. USB Downstream Signals
TUSB8040A
TUSB8020A
SIGNAL NAME
TYPE
PIN NO.
PIN NO.
DESCRIPTION
PFP
RKM
PFP
RKM
USB_SSTXP_DN0
O
8
B4
8
B4
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN0
O
9
A4
9
A4
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN0
I
6
B3
6
B3
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN0
I
7
A3
7
A3
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN0
I/O
2
B1
2
B1
USB high-speed differential transceiver (positive)
USB_DM_DN0
I/O
3
A1
3
A1
USB high-speed differential transceiver (negative)
USB Port 0 Power On Control for Downstream Power/Battery Charging
Enable.
The terminal is used for control of the downstream power switch; in
addition, the value of the terminal is sampled at the de-assertion of reset to
determine the value of the battery charger support for the port as indicated
in the Battery Charger Support register:
I/O,
PWRON0z_BATEN0
39
B19
39
B19
PD
0 = Battery charging not supported
1 = Battery charging supported
This terminal provides the port power control for all downstream ports if
GANGED_SMBA2 = 1. This terminal also determines the battery charging
support of all downstream ports if GANGED_SMBA2 = 1.
USB Port 0 over-current detection.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
OVERCUR0z
I, PU
40
B21
40
B21
This terminal should be pulled high using a 10-k
Ω resistor if power
management is not implemented. If power management is enabled, the
external circuitry needed should be determined by the power switch.
USB_SSTXP_DN1
O
55
B34
55
B34
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN1
O
56
A37
56
A37
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN1
I
53
B33
53
B33
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN1
I
54
A36
54
A36
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN1
I/O
60
B36
60
B36
USB High-speed differential transceiver (positive)
USB_DM_DN1
I/O
59
A39
59
A39
USB High-speed differential transceiver (negative)
USB Port 1 Power On Control for Downstream Power/Battery Charging
Enable. The terminal is used for control of the downstream power switch for
Port 1. In addition, the value of the terminal is sampled at the de-assertion
I/O,
of reset to determine the value of the battery charger support for Port 1 as
PWRON1z_BATEN1
N/A
A21
N/A
A21
PD
indicated in the Battery Charger Support register:
0 = Battery Charging Not Supported
1 = Battery Charging Supported
USB Downstream Port 1 Over-Current Detection.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
OVERCUR1z
I, PU
N/A
A23
N/A
A23
This terminal should be pulled high using a 10-k
Ω resistor if power
management is not implemented. If power management is enabled, the
external circuitry needed should be determined by the power management
device.
USB_SSTXP_DN2
O
14
B7
N/A
N/A
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN2
O
15
A8
N/A
N/A
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN2
I
12
B6
N/A
N/A
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN2
I
13
A7
N/A
N/A
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN2
I/O
17
A9
N/A
N/A
USB High-speed differential transceiver (positive)
14
PIN DESCRIPTIONS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com