Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SL3ICS1002 Datasheet HTML 16Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 17Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 18Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 19Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 20Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 21Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 22Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
20 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
12. Packing information
12.1 Flip Chip Strap (FCS2, SOT1040)
The strap is shipped on a 13 inch by 9 mm reel.
For details please refer to Ref. 21 “Data sheet - Flip chip strap - FCS2, General packing
specification, BL-ID document number: 1738**”.
12.2 Wafer
See Ref. 20 “Data sheet - Delivery type description – General specification for 8” wafer on
UV-tape with electronic fail die marking, BL-ID document number: 1093**”.
12.3 TSSOP
See http://www.standardics.nxp.com/packaging/packing/pdf/sot505-2.t4.pdf.
12.4 SOT1122
Part orientation T1. For details please refer to
http://www.standardics.nxp.com/packaging/packing/pdf/sot886.t1.t4.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com