Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SL3ICS1002 Datasheet HTML 34Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 35Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 36Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 37Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 38Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 39Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 40Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 41Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
38 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.12.2 Reset ReadProtect
Reset ReadProtect allows an interrogator to resets the ReadProtect-bit and re-enables
reading of the G2X memory content according the EPCglobal specification.
The G2X will execute Reset ReadProtect from the Open or Secured states.
If a G2X in the Open or Secured states receives a Reset ReadProtect with a valid CRC-16
and a valid handle but an incorrect access password, it will not reply and transit to the
Arbitrate state.
If a G2X in the Open or Secured states receives a Reset ReadProtect with a valid CRC-16
and a valid handle but the ReadProtect-Bit is not set ('0'), it will not change the
ReadProtect-Bit but backscatter the reply shown in Table 22.
If a G2X in the Open or Secured receives a Reset ReadProtect with a valid CRC-16 but
an invalid handle, or it receives a Reset ReadProtect before which the immediately
preceding command was not a Req_RN, it will ignore the Reset ReadProtect and remain
in its current state.
A frame-sync must be prepended the Reset ReadProtect command.
After sending a Reset ReadProtect an interrogator shall transmit CW for the lesser of
TReply or 20 ms, where TReply is the time between the interrogator's Reset ReadProtect
command and the G2X backscattered reply. An interrogator may observe three possible
responses after sending a Reset ReadProtect, depending on the success or failure of the
operation:
• Write succeeds: After completing the Reset ReadProtect a G2X will backscatter the
reply shown in Table 22 comprising a header (a 0-bit), the handle, and a CRC-16
calculated over the 0-bit and handle. If the interrogator observes this reply within
20 ms then the Reset ReadProtect completed successfully.
• The G2X encounters an error: The G2X will backscatter an error code during the CW
period rather than the reply shown in Table 22 (see EPCglobal Spec for error-code
definitions and for the reply format).
• Write does not succeed: If the interrogator does not observe a reply within 20 ms then
the Reset ReadProtect did not complete successfully. The interrogator may issue a
Req_RN command (containing the handle) to verify that the G2X is still in the
interrogation zone, and may reissue the Reset ReadProtect command.
The G2X reply to the Reset ReadProtect command will use the extended preamble shown
in EPCglobal Spec (Figure 6.11 or Figure 6.15), as appropriate (i.e. a G2X will reply as if
TRext=1 regardless of the TRext value in the Query that initiated the round.
The Reset ReadProtect command is structured as following:
• 16 bit command
• Password: 32 bit Access-Password XOR with 2 times current RN16
• 16 bit handle
• CRC-16 calculate over the first command-code bit to the last handle bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com