Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SL3ICS1002 Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 28Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 29Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 30Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 31Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 32Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 33Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 34Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
31 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.1.1.1 User memory (only G2XM)
The User Memory bank contains a sequential block of 512 bits (32 words of 16 bit)
ranging from address 00h to 1Fh. The user memory can be accessed via Select, Read or
Write command and it may be write locked, permanently write locked, unlocked or
permanently unlocked.
In addition reading of not only of the User Memory but of the whole memory including EPC
and TID can be protected by using the custom ReadProtect command.
15.1.1.2 Special behavior of user memory address 1Fh
WRITE or SELECT of user memory address 1Fh will falsely set an error flag. This will
affect the subsequent READ or SELECT.
The following commands will falsely set an internal error flag (without actually
causing an error):
1) WRITE to user memory with WordPtr=1Fh
2) SELECT to user memory with compare mask ending at bitaddress 1FFh
(e.g. Pointer=1FEh, length=1 or Pointer=1FDh, length=2 …)
Note: The error flag is set independent of the chip state (also chips in the e.g. Ready
state are affected).
The falsely set error flag will affect the following sub sequential commands:
A) READ command with WordCount=0
→ falsely responds with "memory overrun" error
B) SELECT command with Length<>0
→ falsely assumes non existing memory location
The behavior can be avoided with:
• Turning off the RF carrier to reset the chip (This is what readers typically do!).
• Using the READ command with WordCount<>0.
• Sending other command prior to READ or SELECT (e.g. WRITE to address<>1Fh,
ReqRN) or executing READ or SELECT two times.
Remark: The WRITE operation itself is not affected by this problem i.e. data is written
properly! With commercially available readers this behavior is typically not observed.
15.1.1.3 Supported EPC types
The EPC types are defined in the EPC Tag Standards document from EPCglobal.
These standards define completely that portion of EPC tag data that is standardized,
including how that data is encoded on the EPC tag itself (i.e. the EPC Tag Encodings), as
well as how it is encoded for use in the information systems layers of the EPC Systems
Network (i.e. the EPC URI or Uniform Resource Identifier Encodings).
The EPC Tag Encodings include a Header field followed by one or more Value Fields. The
Header field indicates the length of the Values Fields and contains a numbering system
identifier (NSI). The Value Fields contain a unique EPC Identifier and optional Filter Value
when the latter is judged to be important to encode on the tag itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com