Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL3ICS1002 Datasheet HTML 17Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 18Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 19Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 20Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 21Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 22Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 24Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
21 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
13. Functional description
13.1 Power transfer
The interrogator provides an RF field that powers the tag, equipped with a UCODE G2X.
The antenna transforms the impedance of free space to the chip input impedance in order
to get the maximum possible power for the G2X on the tag.
The RF field, which is oscillating on the operating frequency provided by the interrogator,
is rectified to provide a smoothed DC voltage to the analog and digital modules of the IC.
The antenna that is attached to the chip may use a DC connection between the two
antenna pads. Therefore the G2X also enables loop antenna design. Possible examples
of supported antenna structures can be found in the reference antenna design guide.
13.2 Data transfer
13.2.1 Reader to G2X Link
An interrogator transmits information to the UCODE G2X by modulating an RF signal in
the 840 MHz - 960 MHz frequency range. The G2X receives both information and
operating energy from this RF signal. Tags are passive, meaning that they receive all of
their operating energy from the interrogator's RF waveform.
An interrogator is using a fixed modulation and data rate for the duration of at least an
inventory round. It communicates to the G2X by modulating an RF carrier using
DSB-ASK, SSB-ASK or PR-ASK with PIE encoding.
For further details refer to Section 18, Ref. 1, section 6.3.1.2. Interrogator-to-tag (R=>T)
communications.
13.2.2 G2X to reader Link
An interrogator receives information from the UCODE G2X by transmitting a
continuous-wave RF signal to the tag; the G2X responds by modulating the reflection
coefficient of its antenna, thereby generating modulated sidebands used to backscatter an
information signal to the interrogator. The system is a reader talks first (RTF) system,
meaning that a G2X modulates its antenna reflection coefficient with an information signal
only after being directed by the interrogator.
G2X backscatter is a combination of ASK and PSK modulation depending on the tuning
and bias point. The backscattered data is either modulated with FM0 baseband or Miller
sub carrier.
For further details refer to Section 18, Ref. 1, section 6.3.1.3. tag-to-interrogator (T=>R)
communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com