Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL3ICS1002
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL3ICS1002 Datasheet HTML 1Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 2Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 3Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 4Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 5Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 6Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 7Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 8Page - NXP Semiconductors SL3ICS1002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
3 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
3. Applications
Supply chain management
Item level tagging
Asset management
Container identification
Pallet and case tracking
Product authentication
4. Ordering information
[1]
FCS2 Polymer Strap, JEDEC outline standard Copper
[2]
FCS2 Polymer Strap, JEDEC outline standard Aluminum
Table 1.
Ordering information G2XM
Type number
Package
Name
Description
Version
SL3ICS1002FUG/V7AF
Wafer
Bumped die on sawn wafer
-
SL3S1002FTT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
SL3S1002FTB1
XSON3
plastic extremely thin small outline
package;3 terminals;
body 1 x 1.45 x 0,5 mm
SOT1122
SL3S1002AC0
FCS2
plastic flip chip strap package; 2 leads,
9 mm wide tape[1]
SOT1040-1
SL3S1002AC2
FCS2
plastic flip chip strap package; 2 leads;
9 mm wide tape[2]
SOT1040-1
Table 2.
Ordering information G2XL
Type number
Package
Name
Description
Version
SL3ICS1202FUG/V7AF
Wafer
Bumped die on sawn wafer
-
SL3S1202FTT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
SL3S1202FTB1
XSON3
plastic extremely thin small outline
package;3 terminals;
body 1 x 1.45 x 0,5 mm
SOT1122
SL3S1202AC0
FCS2
plastic flip chip strap package; 2 leads,
9 mm wide tape[1]
SOT1040-1
SL3S1202AC2
FCS2
plastic flip chip strap package; 2 leads;
9 mm wide tape[2]
SOT1040-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com