Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1202 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SL3ICS1202
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SL3ICS1202 Datasheet HTML 14Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 15Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 16Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 17Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 18Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 19Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 20Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 21Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
18 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
10. Characteristics
10.1 Wafer characteristics
[1]
Power to process a Query command
[2]
Measured with a 50
Ω source impedance
[3]
At minimum operating power
[4]
Values measured for a 40 kHz phase reserval command under matched conditions
10.2 Package characteristics
[1]
Measured with network analyzer at 915 MHz; values at 0.5 dBm after peakmax of on-set of die, measured in the center of the pads.
Table 11.
Wafer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Memory characteristics
tRET
EEPROM data retention
Tamb ≤ 55 °C50
-
-
year
NWE
EEPROM write endurance
Tamb ≤ 55 °C
100000 -
-
cycle
Interface characteristics
Ptot
total power dissipation
-
30
mW
foper
operating frequency
840
-
960
MHz
Pmin
minimum operating power supply
[1][2]
--15
-
dBm
Ci
input capacitance (parallel)
[3]
-
0.88
-
pF
Q
quality factor (Im (Zchip) / Re (Zchip))
[3]
-9
-
-
Z
impedance (915 MHz)
-
22 - j195
-
Ω
-
modulated jammer suppression
≥1.0 MHz
[4]
-- 4
-
dB
-
unmodulated jammer suppression
≥1.0 MHz
[4]
-- 4
-
dB
Table 12.
Package interface characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Interface characteristics SOT 1040AA1 (Cu strap)
Ci
input capacitance
[1]
-1.36
-
pF
Z
SOT1040AA1 impedance (915 MHz)
[1]
-
14.8-j128
-
Ω
Interface characteristics SOT 1040AB2 (Al strap)
Ci
input capacitance
[1]
-1.42
-
pF
Z
SOT1040AB2 impedance (915 MHz)
[1]
-
13.3-j122
-
Ω
Interface characteristics SOT1122
Ci
input capacitance (parallel)
[1]
-
1.02
-
pF
Z
SOT1122 impedance (915 MHz)
-
18.6 - j171.2
-
Ω
Interface characteristics TSSOP8
Ci
input capacitance (parallel)
[1]
-
1.16
-
pF
Z
TSSOP8 impedance (915 MHz)
-
16 - j148
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com