Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1202 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SL3ICS1202
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SL3ICS1202 Datasheet HTML 21Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 22Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 23Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 24Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 25Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 26Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 27Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 28Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
25 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
14.2 G2X to reader communication
An interrogator receives information from a G2X by transmitting an unmodulated RF
carrier and listening for a backscattered reply. The G2X backscatters by switching the
reflection coefficient of its antenna between two states in accordance with the data being
sent. For further details refer to Section 18, Ref. 1, chapter 6.3.1.3.
14.2.1 Modulation
The UCODE G2X communicates information by backscatter-modulating the amplitude
and/or phase of the RF carrier. Interrogators shall be capable of demodulating either
demodulation type.
14.2.2 Data encoding
The encoding format, selected in response to interrogator commands, is either FM0
baseband or Miller-modulated subaltern. The interrogator commands the encoding choice
14.2.2.1 FM0 baseband
FM0 inverts the baseband phase at every symbol boundary; a data-0 has an additional
mid-symbol phase inversion. For details on FM0 and generator state diagram, FM0
symbols and sequences and how FM0 transmissions should be terminated refer to
Section 18, Ref. 1, chapter 6.3.1.3.
14.2.2.2 FM0 Preamble
T=>R FM0 signaling begin with one of two defined preambles, depending on the value of
the TRext bit specified in the Query command that initiated the inventory round. For
further details refer to Section 18, Ref. 1, chapter 6.3.1.3.
14.2.2.3 Miller-modulated sub carrier
Baseband Miller inverts its phase between two data-0s in sequence. Baseband Miller also
places a phase inversion in the middle of a data-1 symbol. For details on Miller-modulated
sub carrier, generator state diagram, sub carrier sequences and terminating sub carrier
transmissions refer to Section 18, Ref. 1, chapter 6.3.1.3.
14.2.2.4 Miller sub carrier preamble
T=>R sub carrier signaling begins with one of the two defined preambles. The choice
depends on the value of the TRext bit specified in the Query command that initiated the
inventory round. For further details refer to Section 18, Ref. 1, chapter 6.3.1.3.
14.2.3 Data rates
The G2X IC supports tag to interrogator data rates and link frequencies as specified in
Section 18, Ref. 1, chapter 6.3.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com