Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1202 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL3ICS1202
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL3ICS1202 Datasheet HTML 1Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 2Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 3Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 4Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 5Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 6Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 7Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 8Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1. General description
The UHF EPCglobal Generation 2 standard allows the commercialized provision of mass
adoption of UHF RFID technology for passive smart tags and labels. Main fields of
applications are supply chain management and logistics for worldwide use with special
consideration of European, US and Chinese frequencies to ensure that operating
distances of several meters can be realized.
The G2X is a dedicated chip for passive, intelligent tags and labels supporting the
EPCglobal Class 1 Generation 2 UHF RFID standard. It is especially suited for
applications where operating distances of several meters and high anti-collision rates are
required.
The G2X is a product out of the NXP Semiconductors UCODE product family. The entire
UCODE product family offers anti-collision and collision arbitration functionality. This
allows a reader to simultaneously operate multiple labels / tags within its antenna field.
A UCODE G2X based label/ tag requires no external power supply.
Its contact-less interface generates the power supply via the antenna circuit by
propagative energy transmission from the interrogator (reader), while the system clock is
generated by an on-chip oscillator. Data transmitted from interrogator to label/tag is
demodulated by the interface, and it also modulates the interrogator’s electromagnetic
field for data transmission from label/tag to interrogator. A label/tag can be operated
without the need for line of sight or battery, as long as it is connected to a dedicated
antenna for the targeted frequency range. When the label/tag is within the interrogator’s
operating range, the high-speed wireless interface allows data transmission in both
directions.
In addition to the EPC specifications the G2X offers an integrated EAS (Electronic Article
Surveillance) feature and read protection of the memory content. On top of the
specification of the G2XL the G2XM offers 512-bit of user memory.
SL3ICS1002/1202
UCODE G2XM and G2XL
Rev. 3.6 — 10 March 2011
139036
Product data sheet
COMPANY PUBLIC


Similar Part No. - SL3ICS1202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS1002F7AF NXP-SL3ICS1002F7AF Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3ICS1002FUG NXP-SL3ICS1002FUG Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
More results

Similar Description - SL3ICS1202

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
List of Unclassifed Man...
ER2055 ETC-ER2055 Datasheet
239Kb / 3P
512 BIT ELECTRICALLY ALTERABLE READ ONLY MEMORY
logo
Advanced Micro Devices
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Intersil Corporation
IM5600 INTERSIL-IM5600 Datasheet
127Kb / 3P
256 Bit Bipolar Read Only Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com