Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1202 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SL3ICS1202
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SL3ICS1202 Datasheet HTML 15Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 16Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 17Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 18Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 19Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 20Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 21Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 22Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
19 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
11. Handling information for Flip Chip Strap (FCS2, SOT1040)
11.1 Storage conditions
The following storage conditions are applicable if the FCS2 products are kept in their
original packing:
• Storage temperature: +15 °C to +30 °C
• Relative humidity:
max. 60 %
• Duration of storage:
max. 0.5 years
Deviating requirements have to be arranged with NXP Semiconductors.
11.2 Assembly conditions
11.2.1 General assembly recommendations
NXP recommends to use dedicated strap assembly equipment to prevent damage of the
FCS2 strap or the die itself.
In case of any doubts, the customer is constrained to contact NXP Semiconductors for
further clarification.
11.2.2 Antenna bonding
Mounting the FCS2 product onto the antenna can be done in multiple ways:
• Crimping
• Conductive gluing
• Soldering (possible, but not recommended by NXP Semiconductors)
11.2.3 Label converting
Generally, an optimization of the entire lamination process by label manufacturer is
recommended in order to minimize the stress onto the module and guarantee high
assembly yield. Roller diameter must not be smaller than 45 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com