Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1202 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SL3ICS1202
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SL3ICS1202 Datasheet HTML 44Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 45Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 46Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 47Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 48Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 49Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 50Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 51Page - NXP Semiconductors SL3ICS1202 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
48 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
18. References
[1]
EPCglobal: EPC Radio-Frequency Identity Protocols Class-1 Generation-2 UHF
RFID Protocol for Communications at 860 MHz – 960 MHz, Version 1.1.0
(December 17, 2005)
[2]
EPCglobal: EPC Tag Data Standards
[3]
EPCglobal (2004): FMCG RFID Physical Requirements Document (draft)
[4]
EPCglobal (2004): Class-1 Generation-2 UHF RFID Implementation Reference
(draft)
[5]
European Telecommunications Standards Institute (ETSI), EN 302 208:
Electromagnetic compatibility and radio spectrum matters (ERM) – Radio-frequency
identification equipment operating in the band 865 MHz to 868 MHz with power
levels up to 2 W, Part 1 – Technical characteristics and test methods
[6]
European Telecommunications Standards Institute (ETSI), EN 302 208:
Electromagnetic compatibility and radio spectrum matters (ERM) – Radio-frequency
identification equipment operating in the band 865 MHz to 868 MHz with power
levels up to 2 W, Part 2 – Harmonized EN under article 3.2 of the R&TTE directive
[7]
[CEPT1]: CEPT REC 70-03 Annex 1
[8]
[ETSI1]: ETSI EN 330 220-1, 2
[9]
[ETSI3]: ETSI EN 302 208-1, 2 V<1.1.1> (2004-09-Electromagnetic compatibility
And Radio spectrum Matters (ERM) Radio Frequency Identification Equipment
operating in the band 865 - MHz to 868 MHz with power levels up to 2 W Part 1:
Technical characteristics and test methods.
[10] [FCC1]: FCC 47 Part 15 Section 247
[11] ISO/IEC Directives, Part 2: Rules for the structure and drafting of International
Standards
[12] ISO/IEC 3309: Information technology – Telecommunications and information
exchange between systems – High-level data link control (HDLC) procedures –
Frame structure
[13] ISO/IEC 15961: Information technology, Automatic identification and data capture –
Radio frequency identification (RFID) for item management – Data protocol:
application interface
[14] ISO/IEC 15962: Information technology, Automatic identification and data capture
techniques – Radio frequency identification (RFID) for item management – Data
protocol: data encoding rules and logical memory functions
[15] ISO/IEC 15963: Information technology — Radio frequency identification for item
management — Unique identification for RF tags
[16] ISO/IEC 18000-1: Information technology — Radio frequency identification for item
management — Part 1: Reference architecture and definition of parameters to be
standardized
[17] ISO/IEC 18000-6: Information technology automatic identification and data capture
techniques — Radio frequency identification for item management air interface —
Part 6: Parameters for air interface communications at 860–960 MHz
[18] ISO/IEC 19762: Information technology AIDC techniques – Harmonized vocabulary
– Part 3: radio-frequency identification (RFID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com