Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4685 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4685
Description  Engwinklige LED im MIDLED-Geh채use (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4685 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH4685 Datasheet HTML 1Page - OSRAM GmbH SFH4685 Datasheet HTML 2Page - OSRAM GmbH SFH4685 Datasheet HTML 3Page - OSRAM GmbH SFH4685 Datasheet HTML 4Page - OSRAM GmbH SFH4685 Datasheet HTML 5Page - OSRAM GmbH SFH4685 Datasheet HTML 6Page - OSRAM GmbH SFH4685 Datasheet HTML 7Page - OSRAM GmbH SFH4685 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SFH 4680, SFH 4685
2009-03-19
7
Empfohlenes Lötpaddesign
Recommended Solder Pad Design
Maße in mm / Dimensions in mm.
Verarbeitungshinweis: Das Gehäuse ist mit Silikon vergossen. Mechanischer Stress auf der
Bauteiloberfläche sollte so gering wie möglich gehalten werden.
Handling indication:
The package is casted with silicone. Mechanical stress at the surface of
the unit should be as low as possible.
OHF02422
2.4
Padgeometrie für
heat dissipation
Lötstopplack
Solder resist
verbesserte Wärmeableitung
Paddesign for improved
Cu-Fläche > 16 mm
Cu-area
2
SFH 4680
1.7
verbesserte Wärmeableitung
OHF02421
Solder resist
Cu-Fläche > 16 mm
Paddesign for improved
Lötstopplack
heat dissipation
Padgeometrie für
Cu-area
2
SFH 4685



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com