Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4685 Datasheet (PDF) - OSRAM GmbH

SFH4685 Datasheet PDF - OSRAM GmbH
Part # SFH4685
Download  SFH4685 Download
File Size   173.85 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Engwinklige LED im MIDLED-Geh채use (880 nm)

SFH4685 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4685 Datasheet PDF - OSRAM GmbH

Part # SFH4685
Download  SFH4685 Click to download

File Size   173.85 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Engwinklige LED im MIDLED-Geh채use (880 nm)

SFH4685 Datasheet (HTML) - OSRAM GmbH


SFH4685 Product details

Safety Advices

Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which can be hazardous to the human eye. Products which incorporate these devices have to follow the safety precautions given in IEC 60825-1 and IEC 62471.



Features

• AlGaAs-LED

• Narrow halfangle (± 20°)

• Low profile component

• Usable as top-looking and side-looking device

• SFH 4680: Taping as Toplooker

  SFH 4685: Taping as Sidelooker



Applications

• Automotive sensors

• Data transmission

• Remote controls




Similar Part No. - SFH4685

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
GaAlAs-Lumineszenzdiode
SFH4600 OSRAM-SFH4600 Datasheet
236Kb / 8P
Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant
SFH4605 OSRAM-SFH4605 Datasheet
236Kb / 8P
Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH4640 OSRAM-SFH4640 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results


Similar Description - SFH4685

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4600 OSRAM-SFH4600 Datasheet
236Kb / 8P
Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
Q65110A1574 OSRAM-Q65110A1574 Datasheet
388Kb / 14P
NPN-Silizium-Fototransistor im MIDLED-Geh채use
SFH4646 OSRAM-SFH4646 Datasheet
443Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com