Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4685 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4685
Description  Engwinklige LED im MIDLED-Geh채use (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4685 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4685 Datasheet HTML 1Page - OSRAM GmbH SFH4685 Datasheet HTML 2Page - OSRAM GmbH SFH4685 Datasheet HTML 3Page - OSRAM GmbH SFH4685 Datasheet HTML 4Page - OSRAM GmbH SFH4685 Datasheet HTML 5Page - OSRAM GmbH SFH4685 Datasheet HTML 6Page - OSRAM GmbH SFH4685 Datasheet HTML 7Page - OSRAM GmbH SFH4685 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2009-03-19
6
SFH 4680, SFH 4685
Maßzeichnung
Package Outlines
Maße in mm / Dimensions in mm.
Gurtung / Polarität und Lage
Verpackungseinheit 2000/Rolle, ø180 mm
oder 9000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
Packing unit 2000/reel, ø180 mm
or 9000/reel, ø330 mm
Maße in mm (inch) / Dimensions in mm (inch).
Gehäuse / Package
MID mit klarem Silikonverguss / MID casted with clear Silicone
Anschlussbelegung
Pin configuration
Pad 1 = Anode / anode
Pad 2 = Kathode / cathode
OHF02956
(1.2)
Isolating area
metallisation
Pad 2
Pad 1
metallisation
(0.8)
1.7
1.5
0.75
0.55
3.3
2.9
metallisation
Backside
Silicone area1)
Device casted with silicone.
1)
Avoid mechanical stress on silicone surface.
0.75
0.55
0.42
0.42
OHAY2430
4 (0.157)
3.3 (0.130) ±0.15 (0.006)
0.3 (0.012) ±0.02 (0.001)
±0.05 (0.002)
2.45 (0.096)
±0.05 (0.002)
2 (0.079)
1.7 (0.067) ±0.05 (0.002)
1.5 (0.059) +0.1 (0.004)
Pad 1 Orientation
Optical axis/viewing direction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com