Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4685 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4685
Description  Engwinklige LED im MIDLED-Geh채use (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4685 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4685 Datasheet HTML 1Page - OSRAM GmbH SFH4685 Datasheet HTML 2Page - OSRAM GmbH SFH4685 Datasheet HTML 3Page - OSRAM GmbH SFH4685 Datasheet HTML 4Page - OSRAM GmbH SFH4685 Datasheet HTML 5Page - OSRAM GmbH SFH4685 Datasheet HTML 6Page - OSRAM GmbH SFH4685 Datasheet HTML 7Page - OSRAM GmbH SFH4685 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2009-03-19
4
SFH 4680, SFH 4685
Strahlstärke I
e in Achsrichtung
1)
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Werte
Values
Einheit
Unit
-R
-S
-T
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
Ie min
Ie max
10
20
16
32
25
50
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 μs
Ie typ
130
160
240
mW/sr
1)
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1) /
Only one group in one packing unit (variation lower 2:1)
Abstrahlcharakteristik
Radiation Characteristics I
rel = f (ϕ)
OHF02432
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com