Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE576U-4MP-N-R Datasheet(PDF) 41 Page - Phihong USA Inc.

Part # POE576U-4MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE576U-4MP-N-R Datasheet(HTML) 41 Page - Phihong USA Inc.

Back Button POE576U-4MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 41Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 42Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 43Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 44Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 45Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-41-
TFTP uploading (Power-On Reset Entry Mode)
If a valid main firmware is not loaded or a power failure occurred during TFTP uploading Application
Entry Mode, then the TFTP uploading Power-On Reset Entry Mode must be used. In this mode, the
Midspan device must use a default IP address 10.0.2.5 with a Subnet mask of 255.255.255.0 for a
TFTP upload. The procedure is as follows:
1. Configure the PC as a Static Mode by setting Start » Settings » Network Connections » Local
Area Connection » Properties » Internet Protocol (TCP/IP). In the Internet Protocol (TCP/IP)
Properties window, set a static IP as shown in Fig. 32.
Figure 33: Set static IP in Internet Protocol (TCP/IP) Properties window
2. Connect the midspan directly to the PC with a Cat5e cable (An older PC may need a crossover
Cat5 cable.)
3. In the Command Prompt Console, type the following command but do not execute it:
tftp 10.0.2.5 put “C: \......\POEA-x.x.bin” , make all the appropriate file path changes.
4. Power up the midspan. If the device is already powered, turn it off by unplugging it for several
seconds, and then reconnect it to a power source.
5. Once the green LED on management RJ45 port blinks 3 times, quickly press Enter to run the TFTP
command. It must be executed at the right moment as soon as the power turns on.
6. After a successful TFTP boot loading process, restore your PC’s Internet Protocol (TCP/IP) settings
to <Obtain an IP address automatically> and < Obtain DNS server address automatically > to
allow normal network activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com