Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE576U-4MP-N-R Datasheet(PDF) 5 Page - Phihong USA Inc.

Part # POE576U-4MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE576U-4MP-N-R Datasheet(HTML) 5 Page - Phihong USA Inc.

  POE576U-4MP-N-R Datasheet HTML 1Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 2Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 3Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 4Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 5Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 6Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 7Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 8Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 9Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-5-
Overview
Phihong’s midspans are Power over Ethernet (PoE) injectors with output options ranging from
15.4W to 95W per port. Available with 1, 2, 4, 8, 16 or 24 ports, Phihong’s midspans put out full
power every port with no need to manage power across ports.
By using the SNMPv2C (Simple Networking Management Protocol version 2C) protocol, users can
monitor and control the port status over their internet browser. Linking an Ethernet cable between
their midspan and management computer, locally or otherwise through a network switch, users
may manage certain functions including remote reset of powered devices. Users may connect to
their midspan using the DHCP client on the midspan which will create a dynamic hostname and IP
address unique to the network. Otherwise a Static IP address may be created by the user.
Internet browsers that users may choose from to access their Phihong midspans including:
Internet Explorers 7 and 8 found on Windows XP, Windows Vista and Windows 7. Mozilla Firefox,
Google Chrome, Opera and Safari may also be used. To update the firmware on your midspan,
only Microsoft XP or Vista may be used at this time. Please check www.phihong.com or www.
midspans.com for support updates or contact us at poe@phihongusa.com for additional questions
regarding compatibility. For SNMO interface, users may refer to the SNMP console manual for PC
requirements.
A default username and password come preset on your Phihong midspan. Entering “admin” in
both fields will allow users to gain access to customize their security settings. The default read-
only community string is “Phihong_read_only” and users may enter “Phihong” for the read-write
community field. Select tools that users may access through Phihong’s management interface is
port control (i.e. turn on/off), change access strings (hostname, username, password etc.), and set
IP Address to dynamic DHCP to allow it to be set automatically or Static as customized by the user.
Additionally, users may configure and send SNMPv2C TRAPs which are triggered on changes to
port status.
Phihong may release new firmware and updates at any time, so it is advised to check our websites
regularly for any updates that may affect your midspan. For the models listed on the cover page, two
firmware files are used. The first is POEA-x.x.x.bin which is uploaded to an internal microprocessor
under Windows TFTP command. The second is POEB-x.x.x.bin which is uploaded directly into an
internal EEPROM by entering http://hostmane/upload into your internet browser or by using web
<system tools>.
More detailed instruction may be found in this manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com