Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE576U-4MP-N-R Datasheet(PDF) 44 Page - Phihong USA Inc.

Part # POE576U-4MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE576U-4MP-N-R Datasheet(HTML) 44 Page - Phihong USA Inc.

Back Button POE576U-4MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 39Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 40Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 41Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 42Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 43Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 44Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 45Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-44-
6.
Troubleshooting
If problems occur with the midspan, check the following troubleshooting table:
The troubleshooting solutions provided can only solve minor problems. If your problem is not listed,
please contact our Phihong directly for further technical assistance. All up-to-date contact information
can be found on our website www.phihong.com or www.midspans.com.
Troubleshooting
Problem
Possible Solutions
Midspan does not power up
1. Ensure that the AC ppower cord is connected
2. Ensure that the AC power cord is in good
condition
3. If solutions 1 and 2 are true; then disconnect
the AC power cord and reconnect. Observe
the Port LEDs to verify a proper power up.
Port LEDs do not illuminate “Green”
1. The Port may be disabled and needs to
be enabled using either the web or SNMP
interfaces. Ensure that the Port in question is
Enabled
2. Ensure the NIC Port is properly connected to
the Network
The web interface won’t open or cannot
contact the unit via SNMP
Use the default IP address 10.0.2.5 and connect
the midspan to the PC directly. Refer to the
section TFTP uploading (Power-On Reset Entry
Mode) for more details. If 10.0.2.5 will not open
the correct webpage, check the network for any
possible faults.
The web does not update the port status
Execute System Tools » Reboot
SNMP can’t make contact
Check to see if the community strings are correct
For all other issues, please verify the following:
1. Make sure the power is applied to the midspan
2. Make sure the network ethernet cable is not
connected to the POE Data and Power port
3. Make sure the Data and Power cable is not
connected to the Ethernet (NIC) power
4. Ensure the proper type of Ethernet cable is
used. Do not use a crossover type of Ethernet
cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com