Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE576U-4MP-N-R Datasheet(PDF) 29 Page - Phihong USA Inc.

Part # POE576U-4MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE576U-4MP-N-R Datasheet(HTML) 29 Page - Phihong USA Inc.

Back Button POE576U-4MP-N-R Datasheet HTML 25Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 26Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 27Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 28Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 29Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 30Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 31Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 32Page - Phihong USA Inc. POE576U-4MP-N-R Datasheet HTML 33Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-29-
phihong.poe.network (1.3.6.1.4.1.24852.1.3)
1.3.6.1.4.1.24852.1.3.1
dhcp
Read-
Write
enable(1);
disable(0)
Enable or
disable
DHCP
1.3.6.1.4.1.24852.1.3.2
inAddr
Read-
Write
IpAddress
Read or set
static IP
1.3.6.1.4.1.24852.1.3.3
ipMask
Read-
Write
IpAddress
Read or
change IP
Mask
1.3.6.1.4.1.24852.1.3.4
defaultGateway
Read-
Write
IpAddress
Read or
change
Default
Gateway
1.3.6.1.4.1.24852.1.3.5
primaryDNS
Read-
Write
IpAddress
Read or
change Pri-
mary DNS
1.3.6.1.4.1.24852.1.3.6
secondaryDNS
Read-
Write
IpAddress
Read or
change
Second
DNS
1.3.6.1.4.1.24852.1.3.7
saveNewSettings
Write-
Only
Integer (0 -- 25)
(1). Reboot
device and
vaildate
the new
settings.
(2). Specify
the waiting
seconds
(0 - 255) for
TFTP.
phihong.poe.control (1.3.6.1.4.1.24852.1.4)
1.3.6.1.4.1.24852.1.4.1
firmwareVer
Read-
Only
DisplayString
Display
current
firmware
version
1.3.6.1.4.1.24852.1.4.2
macAddr
Read-
Only
DisplayString
Display
unit’s MAC
address
1.3.6.1.4.1.24852.1.4.3
hostname
Read-
Write
DisplayString
Read or
change the
hostname



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com