Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CDBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC876CDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDBLE Datasheet(HTML) 2 Page - Texas Instruments

  TLC876CDBLE Datasheet HTML 1Page - Texas Instruments TLC876CDBLE Datasheet HTML 2Page - Texas Instruments TLC876CDBLE Datasheet HTML 3Page - Texas Instruments TLC876CDBLE Datasheet HTML 4Page - Texas Instruments TLC876CDBLE Datasheet HTML 5Page - Texas Instruments TLC876CDBLE Datasheet HTML 6Page - Texas Instruments TLC876CDBLE Datasheet HTML 7Page - Texas Instruments TLC876CDBLE Datasheet HTML 8Page - Texas Instruments TLC876CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
SUPER SMALL
OUTLINE
(DB)
SMALL
OUTLINE
(DW)
TSSOP
(PW)
0
°C to 70°C
TLC876CDB
TLC876CDW
TLC876CPW
–40
°C to 85°C
TLC876IDB
TLC876IDW
TLC876IPW
–55
°C to 125°C
—
TLC876MDW
—
functional block diagram
ADC
DAC
ADC
DAC
ADC
DAC
ADC
Correction Logic
Output Buffers
SHA†
SHA†
GAIN
SHA†
GAIN
SHA†
GAIN
AIN
(MSB) D9
(LSB) D0
† Sample and hold amplifier
22
2
2
10
10
ADC
DAC
SHA†
GAIN
2
12
3
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com