Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CDBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC876CDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC876CDBLE Datasheet HTML 2Page - Texas Instruments TLC876CDBLE Datasheet HTML 3Page - Texas Instruments TLC876CDBLE Datasheet HTML 4Page - Texas Instruments TLC876CDBLE Datasheet HTML 5Page - Texas Instruments TLC876CDBLE Datasheet HTML 6Page - Texas Instruments TLC876CDBLE Datasheet HTML 7Page - Texas Instruments TLC876CDBLE Datasheet HTML 8Page - Texas Instruments TLC876CDBLE Datasheet HTML 9Page - Texas Instruments TLC876CDBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at AVDD = DVDD = 5 V, DRVDD = 3.3 V, VI(REFT) = 3.6 V, VI(REFB) = 1.6 V,
fCLK = 20 MSPS (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD†
17
25
mA
IDD
Operating supply current
DVDD†
2.7
5
mA
DRVDD
25
100
µA
PD
Power dissipation
107
150
mW
PD(STBY) Standby power
STBY = High
CLK running
45
85
mW
PD(STBY) Standby power
STBY = High
CLK inhibited at VDD or 0 V
15
35
mW
† The voltage difference between AVDD and DVDD terminals cannot exceed 0.5 V to maintain performance specifications.
digital logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current, STBY, OE
DVDD = 5 V
1.9
mA
IIH
High-level input current, all other inputs
DVDD = 5 V
10
µA
IIL
Low-level input current
DVDD = 5V
–50
50
µA
IIL(CLK) Low-level input current, CLK
DVDD = 5V
–10
10
µA
Ci
Input capacitance
5
pF
logic outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH =50 µA
DRVDD = 3 V
2.4
VOH
High-level output voltage
IOH = 50 µA
DRVDD = 5 V
3.8
V
IOH = 0.5 mA
DRVDD = 5 V
2.4
IOL =50 µA
DRVDD = 3.6 V
0.7
VOL
Low-level output voltage
IOL = 50 µA
DRVDD = 5.25 V
1.05
V
IOL = 0.6 mA
DRVDD = 5.25 V
0.4
Co
Output capacitance
5
pF
IOZ
High-impedance-state output current
–10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com