Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CDBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC876CDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDBLE Datasheet(HTML) 5 Page - Texas Instruments

  TLC876CDBLE Datasheet HTML 1Page - Texas Instruments TLC876CDBLE Datasheet HTML 2Page - Texas Instruments TLC876CDBLE Datasheet HTML 3Page - Texas Instruments TLC876CDBLE Datasheet HTML 4Page - Texas Instruments TLC876CDBLE Datasheet HTML 5Page - Texas Instruments TLC876CDBLE Datasheet HTML 6Page - Texas Instruments TLC876CDBLE Datasheet HTML 7Page - Texas Instruments TLC876CDBLE Datasheet HTML 8Page - Texas Instruments TLC876CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
analog and reference inputs
MIN
NOM
MAX
UNIT
Reference input voltage (top), VI(REFT)
VI(REFB) + 1
3.6
4.5
V
Reference input voltage (bottom), VI(REFB)
0
1.6
VI(REFT) – 1
V
Analog input voltage, VI(AIN)
1
2
Vpp
power supply
MIN
NOM
MAX
UNIT
AVDD †
4.5
5.25
Supply voltage
DVDD†
4.5
5.25
V
DRVDD
3
5.25
† The voltage difference between AVDD and DVDD terminals cannot exceed 0.5 V to maintain performance specifications.
digital inputs
MIN
NOM
MAX
UNIT
DRVDD = 3 V
2.4
High-level input voltage, VIH
DRVDD = 5 V
4
V
DRVDD = 5.25 V
4.2
DRVDD = 3 V
0.6
Low-level input voltage, VIL
DRVDD = 5 V
1
V
DRVDD = 5.25 V
1.05
Clock period, tc (see Figure 1)
50
ns
Pulse duration, clock high, tw(CLKH)
23
25
ns
Pulse duration, clock low, tw(CLKL)
23
25
ns
TLC876C
0
70
Operating free-air temperature, TA
TLC876I
–40
85
°C
TLC876M
–55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com