Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CDBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC876CDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDBLE Datasheet(HTML) 1 Page - Texas Instruments

  TLC876CDBLE Datasheet HTML 1Page - Texas Instruments TLC876CDBLE Datasheet HTML 2Page - Texas Instruments TLC876CDBLE Datasheet HTML 3Page - Texas Instruments TLC876CDBLE Datasheet HTML 4Page - Texas Instruments TLC876CDBLE Datasheet HTML 5Page - Texas Instruments TLC876CDBLE Datasheet HTML 6Page - Texas Instruments TLC876CDBLE Datasheet HTML 7Page - Texas Instruments TLC876CDBLE Datasheet HTML 8Page - Texas Instruments TLC876CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D 10-Bit Resolution 20 MSPS Sampling
Analog-to-Digital Converter (ADC)
D Power Dissipation . . . 107 mW Typ
D 5-V Single Supply Operation
D Differential Nonlinearity . . . ±0.5 LSB Typ
D No Missing Codes
D Power Down (Standby) Mode
D Three State Outputs
D Digital I/Os Compatible With 5-V or 3.3-V
Logic
D Adjustable Reference Input
D Small Outline Package (SOIC), Super Small
Outline Package (SSOP), or Thin Small
Outline Package (TSOP)
D Pin Compatible With the Analog
Devices AD876
applications
D Communications
D Multimedia
D Digital Video Systems
D High-Speed DSP Front-End ...TMS320C6x
description
The TLC876 is a CMOS, low-power, 10-bit, 20
MSPS analog-to-digital converter (ADC). The
speed, resolution, and single-supply operation
are suited for applications in video, multimedia,
imaging, high-speed acquisition, and commu-
nications. The low-power and single-supply operation satisfy requirements for high-speed portable
applications. The speed and resolution ideally suit charge-coupled device (CCD) input systems such as color
scanners, digital copiers, electronic still cameras, and camcorders. A multistage pipelined architecture with
output error correction logic provides for no missing codes over the full operating temperature range. Force and
sense connections to the reference inputs provide a more accurate internal reference voltage to the reference
resistor string.
A standby mode of operation reduces the power to typically 15 mW. The digital I/O interfaces to either 5-V or
3.3-V logic and the digital output terminals can be placed in a high-impedance state. The format of the output
data is straight binary coding.
A pipelined multistaged architecture achieves a high sample rate with low power consumption. The TLC876
distributes the conversion over several smaller ADC sub-blocks, refining the conversion with progressively
higher accuracy as the device passes the results from stage to stage. This distributed conversion requires a
small fraction of the 1023 comparators used in a traditional flash ADC. A sample-and-hold amplifier (SHA) within
each of the stages permits the first stage to operate on a new input sample while the second through the fifth
stages operate on the four preceding samples.
The TLC876C is characterized for operation from 0
°C to 70°C, the TLC876I is characterized for operation from
–40
°C to 85°C, and the TLC876M is characterized for operation over the full military temperature range of –55°C
to 125
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
DRVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
DRGND
DGND
AVDD
AIN
CML
REFBS
REFBF
NC
REFTF
REFTS
DGND
AGND
DVDD
STBY
OE
CLK
(TOP VIEW)
NC – No internal connection
DB, DW, OR PW PACKAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC876CDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876CDBLE TI-TLC876CDBLE Datasheet
383Kb / 22P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC876CDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com