Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CDBLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC876CDBLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDBLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC876CDBLE Datasheet HTML 9Page - Texas Instruments TLC876CDBLE Datasheet HTML 10Page - Texas Instruments TLC876CDBLE Datasheet HTML 11Page - Texas Instruments TLC876CDBLE Datasheet HTML 12Page - Texas Instruments TLC876CDBLE Datasheet HTML 13Page - Texas Instruments TLC876CDBLE Datasheet HTML 14Page - Texas Instruments TLC876CDBLE Datasheet HTML 15Page - Texas Instruments TLC876CDBLE Datasheet HTML 16Page - Texas Instruments TLC876CDBLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
driving the analog input (continued)
R
S v
1
2f
(CLK)
(C
E
ln 2048)
–R
SW
(1)
For f(CLK) = 20 MHz, CE = 10 pF, and RSW = 100 Ω, this equation gives 228 Ω as a maximum value; hence the
200
Ω limit on the total source resistance. For applications with an input clock less than 20 MHz, the size of the
series resistor can increase proportionally. Alternatively, adding a shunt capacitor between the AIN terminal and
analog ground can lower the ac source impedance. This capacitance value depends on the source resistance
and the required signal bandwidth.
The input span is determined by the reference voltages (see driving the reference terminals section).
Figure 12. TLC876 Simplified Equivalent Input
RS
AIN
VS
S1
RSW
Driving
Source
TLC876
CE
RS ≤ 200 Ω
AIN
VS
Figure 13. Sample TLC876 Drive Requirements
TLC876
Ideal Source
For many applications, particularly in single supply operation, ac-coupling offers a convenient way of biasing
the analog input signal at the proper signal range. Figure 14 shows a typical configuration for ac-coupling the
analog input signal to the TLC876. Maintaining the outlined specifications requires careful selection of the
component values. The most important concern is the f–3 dB high-pass corner that is a function of R2, and the
parallel combination of C1 and C2. The f–3 dB point can be approximated by equation 2.
f*3dB +
1
2
p
(R2) Ceq
(2)
where Ceq is the parallel combination of C1 and C2. Since C1 is typically a large electrolytic or tantalum
capacitor, the impedance becomes inductive at high frequencies. Adding a small ceramic or polystyrene
capacitor, C2 of approximately 0.01
µF, which is not inductive within the frequency range of interest, maintains
a low impedance. If the minimum expected input signal frequency is 20 kHz, and R2 equals 1 k
Ω and R1 equals
50
Ω, the parallel capacitance of C1 and C2 must be a minimum of 0.008 µF to avoid attenuating signals close
to 20 kHz.
AIN
VIN
R2
+
–
VBIAS
C1
C2
R1
TLC876
Figure 14. AC-Coupled Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com