Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PCE Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETE110PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PCE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETE110PCE Datasheet HTML 16Page - Texas Instruments TNETE110PCE Datasheet HTML 17Page - Texas Instruments TNETE110PCE Datasheet HTML 18Page - Texas Instruments TNETE110PCE Datasheet HTML 19Page - Texas Instruments TNETE110PCE Datasheet HTML 20Page - Texas Instruments TNETE110PCE Datasheet HTML 21Page - Texas Instruments TNETE110PCE Datasheet HTML 22Page - Texas Instruments TNETE110PCE Datasheet HTML 23Page - Texas Instruments TNETE110PCE Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics of configuration EEPROM interface (see Figure 8)
PARAMETER
MIN
MAX
UNIT
fCLK(EDCLK)
Clock frequency, EDCLK
0
100
kHz
td(EDCLKL-EDIOV)
EDCLK low to EDIO (In) data in valid
0.3
3.5
µs
td(EDIO free)
Time the bus must be free before a new transmission can start
4.7
µs
td(EDIOV-EDCLKL)
Delay time, EDIO (out) valid after EDCLK low (start condition hold time for EEPROM)
4
µs
tw(L)
Pulse duration, EDCLK low
4.7
µs
tw(H)
Pulse duration, EDCLK high
4
µs
td(EDCLKH-EDIOV)
Delay time, EDCLK high to EDIO valid (start condition setup time)
4.7
µs
td(EDCLKL-EDIOX)
Delay time, EDCLK low to EDIO (out) changing (data out hold time)
0
µs
td(EDIOV-EDCLKH)
Delay time, EDIO (out) valid to EDCLK high (data out setup time)
250
ns
tr
Rise time, EDIO (out) and EDCLK
1
µs
tf
Fall time, EDIO and EDCLK
300
ns
td(EDCLKH-EDIOH)
Delay time, EDCLK high to EDIO (out) high (stop condition setup time)
4.7
µs
td(EDCLKL-EDIOX)
Delay time, EDCLK low to EDIO (in) changing (data in hold time)
300
ns
EDCLK
EDIO (OUT)
EDIO (IN)
td(EDIOV-EDCLKL)
tf
td(EDCLKL-EDIOV)
tw(H)
tw(L)
td(EDCLKL-EDIOX)
td(EDIOV-EDCLKH)
td(EDCLKL-EDIOX)
tr
td(EDCLKH-EDIOH)
td(EDIO free)
td(EDCLKH-EDIOV)
Figure 8. Configuration EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com