Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PCE Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETE110PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PCE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETE110PCE Datasheet HTML 8Page - Texas Instruments TNETE110PCE Datasheet HTML 9Page - Texas Instruments TNETE110PCE Datasheet HTML 10Page - Texas Instruments TNETE110PCE Datasheet HTML 11Page - Texas Instruments TNETE110PCE Datasheet HTML 12Page - Texas Instruments TNETE110PCE Datasheet HTML 13Page - Texas Instruments TNETE110PCE Datasheet HTML 14Page - Texas Instruments TNETE110PCE Datasheet HTML 15Page - Texas Instruments TNETE110PCE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(PCI interface pins)
PARAMETER
TEST CONDITIONS †
3-V SIGNALING
OPERATION
5-V SIGNALING
OPERATION
UNIT
MIN
MAX
MIN
MAX
VOH
High-level output voltage,
TTL-level signal (see Note 6)
VDD = MIN,
IOH = MAX
2.4
2.4
V
VOL
Low-level output voltage,
TTL-level signal
VDD = MAX,
IOL = MAX
0.45
0.5
V
IOZ
High-impedance
VDD = MAX,
VO = 0 V
10
10
µA
IOZ
g
output current
VDD = MAX,
VO = VDD
–10
– 10
µA
II
Input current,
any input or input / output
VI = VSS to VDD
" 10
" 10
µA
Ci
Input capacitance, any input
f = 1 MHz,
Others at 0 V
10
10
pF
Co
Output capacitance,
any output or input / output
f = 1 MHz,
Others at 0 V
10
10
pF
† For conditions shown as MIN / MAX, use the appropriate value specified under the recommended operating conditions.
NOTE 6: The following signals require an external pullup resistor: PSERR, PINTA.
recommended operating conditions (logic pins) (see Note 7)
MIN
NOM
MAX
UNIT
VDD Supply voltage (5 V only)
4.75
5
5.25
V
VIH
High-level input voltage
2
VDD + 0.3
V
VIL
Low-level input voltage, TTL-level signal (see Note 4)
– 0.3
0.8
V
IOH
High-level output current
TTL outputs
–4
mA
IOL
Low-level output current (see Note 5)
TTL outputs
4
mA
TC
Operating case temperature
0
95
°C
NOTES:
4. The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic levels only.
5. Output current of 2 mA is sufficient to drive five low-power Schottky TTL loads or ten advanced low-power Schottky TTL loads (worst
case).
7. Logic pins include VDDL, EAD[7:0], EXLE, EALE, EOE, EDCLK, EDIO.
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(logic pins)
PARAMETER
TEST CONDITIONS †
MIN
MAX
UNIT
VOH High-level output voltage, TTL-level signal
VDD = MIN,
IOH = MAX
2.4
V
VOL Low-level output voltage, TTL-level signal
VDD = MAX,
IOL = MAX
0.5
V
IOZ
High impedance output current
VDD = MIN,
VO = VDD
10
µA
IOZ
High-impedance output current
VDD = MIN,
VO = 0 V
–10
µA
II
Input current
VI = VSS to VDD
"1
µA
IDD
Supply current
VDD = MAX
320
mA
Ci
Input capacitance, any input
f = 1 MHz,
Others at 0 V
10
pF
Co
Output capacitance, any output or input / output
f = 1 MHz,
Others at 0 V
10
pF
† For conditions shown as MIN / MAX, use the appropriate value specified under the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com