Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PCE Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETE110PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PCE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETE110PCE Datasheet HTML 5Page - Texas Instruments TNETE110PCE Datasheet HTML 6Page - Texas Instruments TNETE110PCE Datasheet HTML 7Page - Texas Instruments TNETE110PCE Datasheet HTML 8Page - Texas Instruments TNETE110PCE Datasheet HTML 9Page - Texas Instruments TNETE110PCE Datasheet HTML 10Page - Texas Instruments TNETE110PCE Datasheet HTML 11Page - Texas Instruments TNETE110PCE Datasheet HTML 12Page - Texas Instruments TNETE110PCE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
registers. The configuration EEPROM interface, BIOS ROM /LED driver interface, configuration and I / O
memory registers, and DMA controller are subblocks of the PCIIF. The features of these subblocks are
described in the following sections.
configuration EEPROM interface (CEI)
The CEI provides a means for autoconfiguration of the PCI configuration registers. Certain registers in the PCI
configuration space can be loaded using the CEI. Autoconfiguration allows builders of TNETE110-based
systems to customize the contents of these registers to identify their own system, rather than to use the TI
defaults. The EEPROM is read at power up and can then be read from, and written to, under program control.
BIOS ROM / LED driver interface (BRI)
The BRI addresses and reads data from an external BIOS ROM through a multiplexed byte-wide bus. The ROM
address / data pins also can be multiplexed to drive external status LEDs.
configuration and I / O memory registers (CIOREGS)
The CIOREGS reside in the configuration space, which is 256 bytes in length. The first 64 bytes of the
configuration space is the header region, which is defined explicitly by the PCI standard.
DMA controller (DMAC)
The DMAC is responsible for coordinating TNETE110 requests for mastership of the PCI bus. The DMAC
provides byte-aligning DMA control, allowing byte-size fragmented frames to be transferred to any byte address
while supporting 32-bit data streaming.
protocol handler (PH)
The PH implements the serial protocols of the network. On transmit, it serializes data, adds framing and CRC
fields, and interfaces to the network PHY. On receive, it provides address recognition, CRC and error checking,
frame disassembly, and deserialization. Data for multiple channels is passed to and from the PH by way of
circular buffer FIFOs in the FSRAM, which are controlled through FPREGS.
10 Base-T physical layer (PHY)
The PHY acts as an on-chip front-end providing physical layer functions for both 10 Base-5 (AUI) and 10 Base-T
(twisted pair). The PHY provides Manchester encoding / decoding from smart squelch, jabber detection, link
pulse detection, autopolarity control, 10 Base-T transmission waveshaping, and antialiasing filtering.
Connection to the AUI drop cable for the 10 Base-T twisted pair is made through simple isolation transformers
(see Figure 2) and no external filter networks are required. Suitable external termination components allow the
use of either shielded or unshielded twisted-pair cable (150
W or 100 W). Some of the key features of the on-chip
PHY are listed below.
D Integrated filters
D 10 Base-T transceiver
D AUI transceiver
D Autopolarity (reverse polarity correction)
D Loopback for twisted pair and AUI
D Full-duplex mode for simultaneous 10 Base-T transmission and reception
D Low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com