Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PCE Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETE110PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PCE Datasheet(HTML) 5 Page - Texas Instruments

  TNETE110PCE Datasheet HTML 1Page - Texas Instruments TNETE110PCE Datasheet HTML 2Page - Texas Instruments TNETE110PCE Datasheet HTML 3Page - Texas Instruments TNETE110PCE Datasheet HTML 4Page - Texas Instruments TNETE110PCE Datasheet HTML 5Page - Texas Instruments TNETE110PCE Datasheet HTML 6Page - Texas Instruments TNETE110PCE Datasheet HTML 7Page - Texas Instruments TNETE110PCE Datasheet HTML 8Page - Texas Instruments TNETE110PCE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
TEST PORT
TCLK
124
I
Test clock. TCLK is used to clock state information and test data into and out of the device during
operation of the test port.
TDI
126
I
Test data input. TDI is used to shift serially test data and test instructions into the device during
operation of the test port.
TDO
125
O
Test data output. TDO is used to shift serially test data and test instructions out of the device during
operation of the test port.
TMS
123
I
Test mode select. TMS is used to control the state of the test port controller within TNETE110.
TRST
121
I
Test reset. TRST is used for the asynchronous reset of the test port controller.
PCI INTERFACE
PAD31
135
PAD30
137
PAD29
138
PAD28
140
I/O
PCI address / data bus Byte 3 (most significant byte MSByte) of the PCI address / data bus
PAD27
141
I/O
PCI address / data bus. Byte 3 (most significant byte, MSByte) of the PCI address / data bus
PAD26
143
PAD25
144
PAD24
1
PAD23
5
PAD22
7
PAD21
8
PAD20
9
I/O
PCI address / data bus Byte 2 of the PCI address / data bus
PAD19
11
I/O
PCI address / data bus. Byte 2 of the PCI address / data bus
PAD18
12
PAD17
13
PAD16
15
PAD15
29
PAD14
30
PAD13
32
PAD12
33
I/O
PCI address / data bus Byte 1 of the PCI address / data bus
PAD11
35
I/O
PCI address / data bus. Byte 1 of the PCI address / data bus
PAD10
36
PAD9
38
PAD8
39
† I = input, O = output, I / O = 3-state input / output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com