Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PCE Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETE110PCE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PCE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE110PCE Datasheet HTML 7Page - Texas Instruments TNETE110PCE Datasheet HTML 8Page - Texas Instruments TNETE110PCE Datasheet HTML 9Page - Texas Instruments TNETE110PCE Datasheet HTML 10Page - Texas Instruments TNETE110PCE Datasheet HTML 11Page - Texas Instruments TNETE110PCE Datasheet HTML 12Page - Texas Instruments TNETE110PCE Datasheet HTML 13Page - Texas Instruments TNETE110PCE Datasheet HTML 14Page - Texas Instruments TNETE110PCE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ThunderLAN
™ TNETE110
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS018B – MARCH 1995 - REVISED MAY 1996
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Supply voltage range, VDD (see Note 2)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 2)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1.6 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction-to-ambient package thermal impedance, airflow = 0 lfpm, TJA(0)
28.8
°C/W
. . . . . . . . . . . . . . . . . . . .
Junction-to-ambient package thermal impedance, airflow = 100 lfpm, TJA(100)
24.8
°C/W
. . . . . . . . . . . . . . . .
Junction-to-case package thermal impedance, TJC
2
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: Voltage values are with respect to VSS; all VSS pins should be routed so as to minimize inductance to system ground.
The recommended operating conditions and the electrical characteristics tables are divided into groups,
depending on pin function:
D PCI interface pins
D Logic pins
D Physical layer pins
The PCI signal pins can be operated in one of two modes shown in the PCI tables.
D 5-V signal mode
D 3-V signal mode
recommended operating conditions (PCI interface pins) (see Note 3)
3-V SIGNALING
OPERATION
5-V SIGNALING
OPERATION
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VDD Supply voltage (PCI)
3
3.3
3.6
4.75
5
5.25
V
VIH
High-level input voltage
0.5
 VDD
VDD + 0.5
2.0
VDD + 0.5
V
VIL
Low-level input voltage, TTL-level signal (see Note 4)
– 0.5
0.3
 VDD
– 0.5
0.8
V
IOH
High-level output current
TTL outputs
– 0.5
–2
mA
IOL
Low-level output current
(see Note 5)
TTL outputs
1.5
6
mA
TC
Operating case temperature
0
95
0
95
°C
NOTES:
3. PCI interface pins include VDDI, PCLKRUN, PFRAME, PTRDY, PIRDY, PSTOP, PDEVSEL, PIDSEL, PPERR, PSERR, PREQ,
PGNT, PCLK, PPAR, PRST, PINTA, PAD[31:0], and PC/BE[3:0].
4. The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic levels only.
5. Output current of 2 mA is sufficient to drive five low-power Schottky TTL loads or ten advanced low-power Schottky TTL loads (worst
case).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com