Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200 Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETEL1200 Datasheet HTML 12Page - Texas Instruments TNETEL1200 Datasheet HTML 13Page - Texas Instruments TNETEL1200 Datasheet HTML 14Page - Texas Instruments TNETEL1200 Datasheet HTML 15Page - Texas Instruments TNETEL1200 Datasheet HTML 16Page - Texas Instruments TNETEL1200 Datasheet HTML 17Page - Texas Instruments TNETEL1200 Datasheet HTML 18Page - Texas Instruments TNETEL1200 Datasheet HTML 19Page - Texas Instruments TNETEL1200 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CAPTURE RAM INTERFACE
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
read cycle (see Figure 10)
NO.
PARAMETER
MIN
MAX
UNIT
1
ta
Read access time
45
ns
2
td
Data delay time from RAMOEN
30
ns
3
th
Data hold time after RAMOEN
0
ns
2
3
1
RAMADDR
RAMDAT
RAMOEN
RAMRWN
Figure 10. Read Cycle
write cycle (see Figure 11)
NO.
PARAMETER
MIN
MAX
UNIT
1
tsu(ADDR) Address setup time
70
ns
2
tsu(DATA)
Data setup time to RAMRWN
12
ns
3
tw
Pulse width, RAMRWN low
22
ns
4
th
Data and address hold time after RAMRWN
30
ns
RAMADDR
RAMDAT
RAMOEN
RAMRWN
1
2
4
3
Figure 11. Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com