Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 1 Page - Texas Instruments

  TNETEL1200 Datasheet HTML 1Page - Texas Instruments TNETEL1200 Datasheet HTML 2Page - Texas Instruments TNETEL1200 Datasheet HTML 3Page - Texas Instruments TNETEL1200 Datasheet HTML 4Page - Texas Instruments TNETEL1200 Datasheet HTML 5Page - Texas Instruments TNETEL1200 Datasheet HTML 6Page - Texas Instruments TNETEL1200 Datasheet HTML 7Page - Texas Instruments TNETEL1200 Datasheet HTML 8Page - Texas Instruments TNETEL1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip EtherLoop Modem
D Optimized for Client and Server Modem
Applications
D Glueless Interface to EtherLoop Processor
Interface, Analog-to-Digital Converter
(ADC), and Digital-to-Analog Converter
(DAC)
D Implements 6-Mbit/s Modem Algorithms
D Supports Wide Range of Symbol Rates,
Allowing Adaptation to Line Conditions
D Operates in Presence of Bridge Taps
D Industrial Operating Free-Air Temperature
to Support Central Office and Distributed
Server Applications
D Packaged in 208-Pin Plastic Quad Flatpack
PPB PACKAGE†
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
VCC
UPDAT_15
UPDAT_14
GND
UPDAT_13
UPDAT_12
VCC
UPDAT_11
UPDAT_10
GND
UPDAT_9
UPDAT_8
VCC
UPDAT_7
UPDAT_6
GND
UPDAT_5
UPDAT_4
VCC
UPDAT_3
UPDAT_2
GND
UPDAT_1
UPDAT_0
VCC
UPRWN
UPCSN
UPOEN
GND
UPADDR_7
UPADDR_6
UPADDR_5
UPADDR_4
VCC
UPADDR_3
UPADDR_2
UPADDR_1
UPADDR_0
GND
VCC
TCLK
XTAL
GND
VCC
RESET
GND
TDI
TMS
TRIN
TRSTN
VCC
TDO
GND
D2A_2
D2A_1
D2A_0
VCC
INRANGE
GND
A2D_11
A2D_10
A2D_9
A2D_8
VCC
A2D_7
A2D_6
A2D_5
A2D_4
GND
A2D_3
A2D_2
A2D_1
A2D_0
VCC
A2DCLK
GND
TXFSEL_0
TXFSEL_1
TXFSEL_2
TXFSEL_3
VCC
TXGAIN_0
TXGAIN_1
TXGAIN_2
TXGAIN_3
GND
TXEN
TERMEN
PREAMPEN
RXLOGAIN
RXHIGAIN
VCC
RXFSEL_0
RXFSEL_1
RXFSEL_2
RXFSEL_3
GND
RXGAIN_0
RXGAIN_1
RXGAIN_2
RXGAIN_3
RXGAIN_4
VCC
OPEN
† Thermally enhanced molded plastic package with a heat slug (HSL)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EtherLoop is a trademark of Elastic Networks.


Similar Part No. - TNETEL1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETEL1400 TI-TNETEL1400 Datasheet
195Kb / 15P
EtherLoopE TRANSCEIVER
TNETEL1400PT TI-TNETEL1400PT Datasheet
195Kb / 15P
EtherLoopE TRANSCEIVER
More results

Similar Description - TNETEL1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETEL1400 TI-TNETEL1400 Datasheet
195Kb / 15P
EtherLoopE TRANSCEIVER
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
MODEM
logo
PHOENIX CONTACT
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
Modem - PSI-MODEM-BASIC/USB
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
Modem - PSI-MODEM-SHDSL/PB
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
Modem - PSI-MODEM/ETH
09/12/2020
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com