Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETEL1200 Datasheet HTML 2Page - Texas Instruments TNETEL1200 Datasheet HTML 3Page - Texas Instruments TNETEL1200 Datasheet HTML 4Page - Texas Instruments TNETEL1200 Datasheet HTML 5Page - Texas Instruments TNETEL1200 Datasheet HTML 6Page - Texas Instruments TNETEL1200 Datasheet HTML 7Page - Texas Instruments TNETEL1200 Datasheet HTML 8Page - Texas Instruments TNETEL1200 Datasheet HTML 9Page - Texas Instruments TNETEL1200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
serial loop communications
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
RXCLK
194
O
Receive clock. RXCLK is driven by the TNETEL1200 to clock receive data into the microprocessor.
RXD
198
O
Receive data. RXD is the data from the TNETEL1200 from the loop being sent to the microprocessor.
RXON
206
I
Receive on. RXON is driven by the microprocessor to enable the TNETEL1200 loop receiver.
RXRDY
201
O
Receive ready. RXRDY is driven by the TNETEL1200 to inform the microprocessor that the TNETEL1200 is
ready for receiving data from the loop.
TXCLK
196
O
Transmit clock. TXCLK is driven by the TNETEL1200 to clock transmit data out of the microprocessor.
TXD
204
I
Transmit data. TXD is the data from the microprocessor to be driven onto the loop by the TNETEL1200.
TXON
207
I
Transmit on. TXON is driven by the microprocessor to enable the TNETEL1200 loop transmitter.
TXRDY
202
O
Transmit ready. TXRDY is driven by the TNETEL1200 to inform the microprocessor that the TNETEL1200 is
ready for transmitting onto the loop.
† I = input, O = output
signal data
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
A2D_11
A2D_10
A2D_9
A2D_8
A2D_7
A2D_6
A2D_5
A2D_4
A2D_3
A2D_2
A2D_1
A2D_0
149
148
147
146
144
143
142
141
139
138
137
136
I
Bits 11–0 of the data signal values sent from the ADC in the analog loop receiver
A2DCLK
134
O
Clock. A2DCLK is used to clock the data out of the ADC.
D2A_9
D2A_8
D2A_7
D2A_6
D2A_5
D2A_4
D2A_3
D2A_2
D2A_1
D2A_0
166
165
164
162
161
160
159
155
154
153
O
Bits 9–0 of the data signal values sent to the DAC in the analog loop transmitter
D2ACLK
168
O
Clock. D2ACLK is used to clock the data into the DAC.
INRANGE
151
I
Data overflow signal from the ADC
† I = input, O = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com