Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200 Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 2 Page - Texas Instruments

  TNETEL1200 Datasheet HTML 1Page - Texas Instruments TNETEL1200 Datasheet HTML 2Page - Texas Instruments TNETEL1200 Datasheet HTML 3Page - Texas Instruments TNETEL1200 Datasheet HTML 4Page - Texas Instruments TNETEL1200 Datasheet HTML 5Page - Texas Instruments TNETEL1200 Datasheet HTML 6Page - Texas Instruments TNETEL1200 Datasheet HTML 7Page - Texas Instruments TNETEL1200 Datasheet HTML 8Page - Texas Instruments TNETEL1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TNETEL1200 is an EtherLoop modem. EtherLoop technology enables simultaneous voice and Ethernet
communication over local-loop plain old telephone service (POTS) wiring. The TNETEL1200 supports data
rates of up to 6 Mbit/s and POTS wire lengths of up to 21,000 feet. Figure 1 shows a typical system with an
EtherLoop modem located at each end of the POTS line. Each EtherLoop modem has a 10Base-T Ethernet
interface and is responsible for buffering Ethernet data before sending it over the POTS wire. The server-end
(SE) EtherLoop modem is located in a central switching office and can communicate with several client-end
(CE) EtherLoop modems, based on a round-robin arbitration scheme. The CE EtherLoop modem typically is
located at a remote site.
POTS
Line
POTS
Line
SE Modem
Ethernet
Network
Central Office
CE Modem
CE Modem
Remote Location
Ethernet
Network
Ethernet
Network
¤
¤
See Note A
NOTE A: Flexible multiplexing scheme allows one SE modem to interface with many CE modems.
POTS Phone
POTS Phone
Remote Location
Figure 1. Typical EtherLoop System
Figure 2 shows a block diagram of a typical CE EtherLoop modem. Ethernet data destined for the POTS wire
is received via 10Base-T interface and presented to the EtherLoop processor. The EtherLoop processor
performs Ethernet frame processing and buffer management. The EtherLoop processor sends buffered
Ethernet frames to the TNETEL1200 EtherLoop modem (via an HDLC interface). The TNETEL1200 performs
data modulation before passing the modulated digital data to a digital-to-analog converter (DAC). The resulting
analog signal passes to the EtherLoop transceiver, which acts as the line interface. The modem uses a
half-duplex communication protocol over the POTS wire, and data received from the POTS wire follows the
reverse path back to the Ethernet framer.
Ethernet
Network
Ethernet
Interface
POTS
Line
EtherLoop
Processor
TNETEL1200
EtherLoop
Modem
DAC
ADC
POTS
Phone
EtherLoop
Transceiver
SRAM
Voice
Band
Filter
¤
Figure 2. Typical CE EtherLoop Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com