Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200 Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETEL1200
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETEL1200 Datasheet HTML 11Page - Texas Instruments TNETEL1200 Datasheet HTML 12Page - Texas Instruments TNETEL1200 Datasheet HTML 13Page - Texas Instruments TNETEL1200 Datasheet HTML 14Page - Texas Instruments TNETEL1200 Datasheet HTML 15Page - Texas Instruments TNETEL1200 Datasheet HTML 16Page - Texas Instruments TNETEL1200 Datasheet HTML 17Page - Texas Instruments TNETEL1200 Datasheet HTML 18Page - Texas Instruments TNETEL1200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
microprocessor interface (see Figure 7)
NO.
MIN
MAX
UNIT
1
tsu
Setup time, UPADDR before UPCSN low – address is latched by UPCSN falling edge
2
ns
2
td
Delay time, read data valid after last of UPCSN and UPOEN low
20
ns
3
tsu
Setup time, address before UPCSN low
2
ns
4
tsu
Setup time, write data valid before UPWRN high
15
ns
5
th
Hold time, write data valid after UPWRN high
5
ns
6
td
Delay time, data high Z after UPOEN high
20
ns
UPCSN
UPADDR7–
UPADDR0
UPRWN
UPOEN
Read
Write
1
3
6
2
4
5
Data
Figure 7. Microprocessor Interface
XTAL (see Figure 8)
NO.
MIN
MAX
UNIT
1
tc(XTAL)
Cycle time, XTAL
12.5
ns
2
tw(XTALH) Pulse duration, XTAL high
5
ns
3
tw(XTALL)
Pulse duration, XTAL low
5
ns
XTAL
2
3
1
Figure 8. XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com