Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 5 Page - Texas Instruments

  REF5025-HT Datasheet HTML 1Page - Texas Instruments REF5025-HT Datasheet HTML 2Page - Texas Instruments REF5025-HT Datasheet HTML 3Page - Texas Instruments REF5025-HT Datasheet HTML 4Page - Texas Instruments REF5025-HT Datasheet HTML 5Page - Texas Instruments REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Drift(ppm/ C)
°
Drift(ppm/ C)
°
Drift (ppm/°C)
Output Initial Accuracy (%)
REF5025-HT
www.ti.com
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS
TA = 25°C, ILOAD = 0, VS = 3.25 V (unless otherwise noted).
TEMPERATURE DRIFT
TEMPERATURE DRIFT
(0°C to 85°C)
(–40°C to 125°C)
Figure 2.
Figure 3.
OUTPUT VOLTAGE
TEMPERATURE DRIFT
INITIAL ACCURACY
(–55°C to 210°C)
(AT 210°C)
Figure 4.
Figure 5.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com